Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NDL7515P Datasheet (PDF) - NEC

NDL7515P Datasheet PDF - NEC
Part # NDL7515P
Download  NDL7515P Download
File Size   61.37 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION

NDL7515P Datasheet (PDF)

Go To PDF Page Download Datasheet
NDL7515P Datasheet PDF - NEC

Part # NDL7515P
Download  NDL7515P Click to download

File Size   61.37 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION

NDL7515P Datasheet (HTML) - NEC


NDL7515P Product details

DESCRIPTION
The NDL7515P Series is a 1 310 nm newly developed Multiple Quantum Well (MQW) structure pulsed laser diode module with single mode fiber. It is designed for light source of optical measurement equipment (OTDR).

FEATURES
• Output power Pf = 20 mW MIN.@IFP = 400 mA, TC = 25 °C*1
• Long wavelength λC = 1 310 nm
• Coaxial module without thermoelectric cooler
• Single mode fiber pigtail




Similar Part No. - NDL7515P

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7515P NEC-NDL7515P Datasheet
60Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7515P NEC-NDL7515P Datasheet
63Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7515P NEC-NDL7515P Datasheet
63Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7515P NEC-NDL7515P Datasheet
66Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
NDL7515P NEC-NDL7515P Datasheet
61Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
More results


Similar Description - NDL7515P

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7565P NEC-NDL7565P Datasheet
59Kb / 8P
InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
logo
California Eastern Labs
NX7363JB-BC CEL-NX7363JB-BC Datasheet
968Kb / 6P
InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
NX7563JB-BC CEL-NX7563JB-BC Datasheet
978Kb / 6P
InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
NX7663JB-BC CEL-NX7663JB-BC Datasheet
957Kb / 6P
InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
logo
Renesas Technology Corp
NX7363JB-BC RENESAS-NX7363JB-BC Datasheet
158Kb / 8P
LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
NX7563JB-BC RENESAS-NX7563JB-BC Datasheet
160Kb / 8P
LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
NX7663JB-BC RENESAS-NX7663JB-BC Datasheet
159Kb / 8P
LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
NX7363JB-BC RENESAS-NX7363JB-BC_15 Datasheet
151Kb / 8P
LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 310 nm OTDR APPLICATION
NX7563JB-BC RENESAS-NX7563JB-BC_15 Datasheet
152Kb / 8P
LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 550 nm OTDR APPLICATION
NX7663JB-BC RENESAS-NX7663JB-BC_15 Datasheet
151Kb / 8P
LASER DIODE InGaAsP MQW DC-PBH PULSED LASER DIODE MODULE 1 625 nm OTDR APPLICATION
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com