Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAF-5 Datasheet (PDF) - Cooper Bussmann, Inc.

BAF-5 Datasheet PDF - Cooper Bussmann, Inc.
Part # BAF-5
Download  BAF-5 Download
File Size   306.04 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description 13.32. x 1-1/2. 250Vac Fast-acting supplemental fuses

BAF-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAF-5 Datasheet PDF - Cooper Bussmann, Inc.

Part # BAF-5
Download  BAF-5 Click to download

File Size   306.04 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description 13.32. x 1-1/2. 250Vac Fast-acting supplemental fuses

BAF-5 Datasheet (HTML) - Cooper Bussmann, Inc.




Similar Part No. - BAF-5

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BAF-5 COOPER-BAF-5 Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
BAF-5 EATON-BAF-5 Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
More results


Similar Description - BAF-5

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KLM-15 COOPER-KLM-15 Datasheet
391Kb / 2P
13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KTK-45 COOPER-KTK-45 Datasheet
374Kb / 2P
13/32 x 1-1/2 600Vac Fast-acting supplemental fuses
KLM-20 COOPER-KLM-20 Datasheet
391Kb / 2P
13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
KTK-110 COOPER-KTK-110 Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
BAF-1 COOPER-BAF-1 Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
MIC-1 COOPER-MIC-1 Datasheet
375Kb / 2P
MIC 13??2? x 1-1/2? 250Vac pin indicating fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
BAF EATON-BAF Datasheet
270Kb / 2P
BAF 13??2? x 1-1/2? 250Vac fast-acting supplemental fuses
FNM EATON-FNM Datasheet
472Kb / 3P
FNM 13??2? x 1-1??? 250Vac time-delay supplemental fuses
KLM EATON-KLM Datasheet
318Kb / 2P
KLM 13??2? x 1-1??? 600Vac/dc fast-acting supplemental fuses
KTK EATON-KTK Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com