Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR3338S Datasheet (PDF) - STANLEY ELECTRIC CO.,LTD.

MPR3338S Datasheet PDF - STANLEY ELECTRIC CO.,LTD.
Part # MPR3338S
Download  MPR3338S Download
File Size   2345.74 Kbytes
Page   33 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color 3 Round Shape Type

MPR3338S Datasheet (PDF)

Go To PDF Page Download Datasheet
MPR3338S Datasheet PDF - STANLEY ELECTRIC CO.,LTD.

Part # MPR3338S
Download  MPR3338S Click to download

File Size   2345.74 Kbytes
Page   33 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color 3 Round Shape Type

MPR3338S Datasheet (HTML) - STANLEY ELECTRIC CO.,LTD.


MPR3338S Product details

Product features
• Outer Dimension φ 3 Round shape type
• Operation temperature range.
   Storage Temperature :-30℃~ 100℃
   Operating Temperature :-30℃~ 85℃
• Lead–free soldering compatible
• RoHS compliant




Similar Part No. - MPR3338S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
MPR3338S STANLEY-MPR3338S Datasheet
411Kb / 33P
Single Color ?3 Round Shape Type
More results


Similar Description - MPR3338S

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BG5305S STANLEY-BG5305S Datasheet
432Kb / 33P
Single Color ?5 Round Shape Type
KR3301X STANLEY-KR3301X Datasheet
174Kb / 12P
Single Color ?3 Round Shape Type
KR3302X STANLEY-KR3302X Datasheet
182Kb / 12P
Single Color ?3 Round Shape Type
KR3308S STANLEY-KR3308S Datasheet
183Kb / 12P
Single Color ?3 Round Shape Type
KR3803X STANLEY-KR3803X Datasheet
181Kb / 12P
Single Color ?3 Flush Mount Round Shape Type
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
Single Color ?3 Flush Mount Round Shape Type
UB3803X STANLEY-UB3803X Datasheet
316Kb / 24P
Single Color ?3 Flush Mount Round Shape Type
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
Single Color ?3 Flush Mount Round Shape Type
3338S STANLEY-3338S Datasheet
411Kb / 33P
Single Color ?3 Round Shape Type
VRPG3312X STANLEY-VRPG3312X Datasheet
1Mb / 18P
Bi-color 3 Round Shape Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com