Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX84C2V4S Datasheet (PDF) - Diodes Incorporated

BZX84C2V4S Datasheet PDF - Diodes Incorporated
Part # BZX84C2V4S
Download  BZX84C2V4S Download
File Size   161.14 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 200mW SURFACE MOUNT ZENER DIODE

BZX84C2V4S Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C2V4S Datasheet PDF - Diodes Incorporated

Part # BZX84C2V4S
Download  BZX84C2V4S Click to download

File Size   161.14 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description DUAL 200mW SURFACE MOUNT ZENER DIODE

BZX84C2V4S Datasheet (HTML) - Diodes Incorporated


BZX84C2V4S Product details

Features
• Planar Die Construction
• 200mW Power Dissipation
• Zener Voltages from 2.4V - 39V
• Ultra-Small Surface Mount Package
• Also Available in Lead Free Version




Similar Part No. - BZX84C2V4S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4S DIODES-BZX84C2V4S Datasheet
57Kb / 3P
DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 8 - 2
BZX84C2V4S DIODES-BZX84C2V4S Datasheet
376Kb / 3P
DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 13 - 2
BZX84C2V4S DIODES-BZX84C2V4S Datasheet
161Kb / 4P
DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 17 - 2
BZX84C2V4S-7-F DIODES-BZX84C2V4S-7-F Datasheet
376Kb / 3P
DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 13 - 2
logo
SEMTECH ELECTRONICS LTD...
BZX84C2V4SEW SEMTECH_ELEC-BZX84C2V4SEW Datasheet
445Kb / 2P
BZX84C…SEW Series SILICON PLANAR ZENER DIODES
11/09/2008
More results


Similar Description - BZX84C2V4S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ23C5V6W DIODES-AZ23C5V6W Datasheet
60Kb / 2P
200mW DUAL SURFACE MOUNT ZENER DIODE
DS30257 Rev. 2 - 2
BZX84C2V4S DIODES-BZX84C2V4S Datasheet
57Kb / 3P
DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 8 - 2
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
BZX84C2V4S DIODES-BZX84C2V4S_1 Datasheet
376Kb / 3P
DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 13 - 2
AZ23C5V6W DIODES-AZ23C5V6W_1 Datasheet
77Kb / 3P
200mW DUAL SURFACE MOUNT ZENER DIODE
DS30257 Rev. 7 - 2
BZX84C2V4S DIODES-BZX84C2V4S_08 Datasheet
161Kb / 4P
DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 17 - 2
AZ23C5V6W DIODES-AZ23C5V6W_08 Datasheet
121Kb / 3P
200mW DUAL SURFACE MOUNT ZENER DIODE
Rev. 9 - 2 May 2008
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
Rev 15
BZX84C2V4S DIODES-BZX84C2V4S_15 Datasheet
161Kb / 4P
DUAL 200mW SURFACE MOUNT ZENER DIODE
Rev 17
AZ23C5V6W DIODES-AZ23C5V6W_15 Datasheet
121Kb / 3P
200mW DUAL SURFACE MOUNT ZENER DIODE
Rev erse
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com