Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PP-002D Datasheet (PDF) - CUI INC

PP-002D Datasheet PDF - CUI INC
Part # PP-002D
Download  PP-002D Download
File Size   95.33 Kbytes
Page   1 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description 1.3mm POWER PLUG

PP-002D Datasheet (PDF)

Go To PDF Page Download Datasheet
PP-002D Datasheet PDF - CUI INC

Part # PP-002D
Download  PP-002D Click to download

File Size   95.33 Kbytes
Page   1 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description 1.3mm POWER PLUG

PP-002D Datasheet (HTML) - CUI INC




Similar Part No. - PP-002D

ManufacturerPart #DatasheetDescription
logo
CUI INC
PP-002D-01 CUI-PP-002D-01 Datasheet
309Kb / 3P
DC POWER PLUG
logo
CUI Devices
PP-002D-01 CUID-PP-002D-01 Datasheet
301Kb / 3P
DC POWER PLUG
11/07/2019
More results


Similar Description - PP-002D

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
RAPC732 SWITCH-RAPC732 Datasheet
106Kb / 1P
POWER JACK, PC MOUNT 0.05 [1.3mm] PIN
RASH732 SWITCH-RASH732 Datasheet
140Kb / 2P
POWER JACK, HYBRID MOUNT 0.05 [1.3mm] PIN
RASH732P SWITCH-RASH732P Datasheet
145Kb / 2P
POWER JACK, HYBRID MOUNT 0.05 [1.3mm] PIN
RASM732 SWITCH-RASM732 Datasheet
96Kb / 1P
POWER JACK, SURFACE MOUNT 0.05 [1.3mm] PIN
RASM732P SWITCH-RASM732P Datasheet
101Kb / 1P
POWER JACK, SURFACE MOUNT 0.05 [1.3mm] PIN
logo
Maxim Integrated Produc...
MAX44269 MAXIM-MAX44269 Datasheet
3Mb / 14P
1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 0; 9/11
MAX44269_1112 MAXIM-MAX44269_1112 Datasheet
2Mb / 14P
1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 1; 12/11
logo
Torex Semiconductor
XCL211 TOREX-XCL211 Datasheet
626Kb / 16P
3.1mm횞4.7mm, h=1.3mm
logo
CUI INC
PJ-030D-SMT CUI-PJ-030D-SMT Datasheet
87Kb / 1P
1.3mm SURFACE MOUNT POWER JACK
logo
Maxim Integrated Produc...
MAX44268 MAXIM-MAX44268 Datasheet
3Mb / 15P
1.3mm x 1.3mm, Low-Power Dual Comparator with Reference
19-6144; Rev 0; 12/11
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com