Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS3110 Datasheet (PDF) - Shenzhen Winsemi Microelectronics Co., Ltd

WS3110 Datasheet PDF - Shenzhen Winsemi Microelectronics Co., Ltd
Part # WS3110
Download  WS3110 Download
File Size   262.17 Kbytes
Page   8 Pages
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd
Description WS3110 High Performance LED Driver

WS3110 Datasheet (PDF)

Go To PDF Page Download Datasheet
WS3110 Datasheet PDF - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WS3110
Download  WS3110 Click to download

File Size   262.17 Kbytes
Page   8 Pages
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd
Description WS3110 High Performance LED Driver

WS3110 Datasheet (HTML) - Shenzhen Winsemi Microelectronics Co., Ltd


WS3110 Product details

General Description

WS3110 is a power factor correction, primary-side-control LED lighting driver with advanced features to provide high efficiency control for lighting application. WS3110 applies source driver technology,its internal fast start-up circuit greatly shorten the start-up time while keeping extremely low standby power consumption. With internal line-compensation, the WS3110 provides accurate constant current (CC ± 5%) regulation at universal AC input.



Features

■Fast start-uptime

■Low operation current (0.6mA)

■PSR control with Single stage PFC topology

■CC±5%

■Programmable output current and output voltage

■Internal Line and Load compensation

■Internal soft-start

■Built in Leading edge blanking(LEB)

■Cycle-by-cycle Over-Current Protection

■VCC over-voltage protection(VCC-OVP)

■VCC under voltage lockout(UVLO)

■Over temperature protection(OTP)

■Transformer saturation protection

■Inter power-mos saturation protection

■Output LED open/short protection

■CS pin open/short protection



Applications

■LED lighting

■Down light

■Tube lamp

■PAR lamp

■Bulb




Similar Part No. - WS3110

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS31 ASM-SENSOR-WS31 Datasheet
3Mb / 54P
Compact OEM sensors for large order volumes
WS31-250-R1K-L35-1 ASM-SENSOR-WS31-250-R1K-L35-1 Datasheet
3Mb / 54P
Compact OEM sensors for large order volumes
WS31-250-R1K-L35-2 ASM-SENSOR-WS31-250-R1K-L35-2 Datasheet
3Mb / 54P
Compact OEM sensors for large order volumes
WS31-500-R1K-L35-1 ASM-SENSOR-WS31-500-R1K-L35-1 Datasheet
3Mb / 54P
Compact OEM sensors for large order volumes
WS31-500-R1K-L35-2 ASM-SENSOR-WS31-500-R1K-L35-2 Datasheet
3Mb / 54P
Compact OEM sensors for large order volumes
More results


Similar Description - WS3110

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7938A HOLTEK-HT7938A Datasheet
2Mb / 13P
Performance White LED Driver
logo
List of Unclassifed Man...
EN-822-300-V2P1-SIMPLE ETC2-EN-822-300-V2P1-SIMPLE Datasheet
276Kb / 6P
Low THD, High Performance LED Driver
logo
Texas Instruments
TPS61194 TI1-TPS61194 Datasheet
611Kb / 34P
High-Performance 4-Channel LED Driver
LP8862-Q1 TI1-LP8862-Q1 Datasheet
1Mb / 37P
High-Performance 2-Channel LED Driver
TPS61193 TI1-TPS61193 Datasheet
592Kb / 33P
High-Performance 3-Channel LED Driver
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
1Mb / 35P
High-Performance 3-Channel LED Driver
logo
List of Unclassifed Man...
WS3130 ETC2-WS3130 Datasheet
1Mb / 8P
High Performance LED Driver
logo
Shenzhen Winsemi Microe...
WS3130 WINSEMI-WS3130 Datasheet
1Mb / 8P
High Performance LED Driver
logo
uPI Group Inc.
UP6007 UPI-UP6007 Datasheet
599Kb / 10P
43V High Performance White LED Driver
logo
List of Unclassifed Man...
OB3362F ETC1-OB3362F Datasheet
371Kb / 13P
4 Channels High Performance LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com