Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE34018 Datasheet (PDF) - NEC

NE34018 Datasheet PDF - NEC
Part # NE34018
Download  NE34018 Download
File Size   114.81 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET

NE34018 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE34018 Datasheet PDF - NEC

Part # NE34018
Download  NE34018 Click to download

File Size   114.81 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET

NE34018 Datasheet (HTML) - NEC


NE34018 Product details

DESCRIPTION
NE34018 is a n-channel HJ-FET housed in MOLD package.

FEATURES
• Low noise figure
    NF = 0.6 dB TYP. at f = 2 GHz
• High associated gain
    Ga = 16 dB TYP. at f = 2 GHz
• Gate width: Wg = 400 μm
• 4 pins super mini mold
• Tape & reel packaging only available




Similar Part No. - NE34018

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE34018 CEL-NE34018 Datasheet
200Kb / 10P
GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
Renesas Technology Corp
NE34018 RENESAS-NE34018 Datasheet
250Kb / 18P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
logo
California Eastern Labs
NE34018-A CEL-NE34018-A Datasheet
200Kb / 10P
GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
Renesas Technology Corp
NE34018-T1 RENESAS-NE34018-T1 Datasheet
250Kb / 18P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
NE34018-T2 RENESAS-NE34018-T2 Datasheet
250Kb / 18P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
More results


Similar Description - NE34018

ManufacturerPart #DatasheetDescription
logo
NEC
NE33284A NEC-NE33284A Datasheet
62Kb / 10P
L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE38018 NEC-NE38018 Datasheet
94Kb / 16P
L to S BAND LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3519M04 RENESAS-NE3519M04 Datasheet
226Kb / 13P
N-channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com