Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV823 Datasheet (PDF) - Supertex, Inc

HV823 Datasheet PDF - Supertex, Inc
Part # HV823
Download  HV823 Download
File Size   621.18 Kbytes
Page   8 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage EL Lamp Driver IC

HV823 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV823 Datasheet PDF - Supertex, Inc

Part # HV823
Download  HV823 Click to download

File Size   621.18 Kbytes
Page   8 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Voltage EL Lamp Driver IC

HV823 Datasheet (HTML) - Supertex, Inc


HV823 Product details

General Description
The Supertex HV823 is a high-voltage driver designed for driving EL lamps of up to 50nF. EL lamps greater than 50nF can be driven for applications not requiring high brightness. The input supply voltage range is from 2.0V to 9.5V. The device uses a single inductor and a minimum number of passive components. The nominal regulated output voltage that is applied to the EL lamp is ±90V. The chip can be enabled by connecting the resistors on the RSW-Osc pin and
the REL-Osc pin to the VDD pin, and disabled when connected to GND.

Features
►Processed with HVCMOS® technology
►2.0 to 9.5V operating supply voltage
►DC to AC conversion
►180V peak-to-peak typical output voltage
►Large output load capability typically 50nF
►Permits the use of high-resistance elastomeric lamp components
►Adjustable output lamp frequency to control lamp color, lamp life, and power consumption
►Adjustable converter frequency to eliminate harmonics and optimize power consumption
►Enable/disable function
►Low current draw under no load condition

Applications
►Handheld personal computers
►Electronic personal organizers
►GPS units
►Pagers
►Cellular phones
►Portable instrumentation




Similar Part No. - HV823

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV823 SUTEX-HV823 Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV823LG SUTEX-HV823LG Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV823LG-G SUTEX-HV823LG-G Datasheet
1Mb / 8P
High Voltage EL Lamp Driver IC
HV823X SUTEX-HV823X Datasheet
391Kb / 8P
High Voltage EL Lamp Driver
HV823 SUTEX-HV823_13 Datasheet
1Mb / 8P
High Voltage EL Lamp Driver IC
More results


Similar Description - HV823

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV825 SUTEX-HV825_07 Datasheet
502Kb / 5P
High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_07 Datasheet
579Kb / 6P
High Voltage EL Lamp Driver IC
HV856 SUTEX-HV856 Datasheet
453Kb / 7P
High Voltage Tri-EL Lamp Driver IC
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
Low Noise, High Voltage EL Lamp Driver IC
HV823 SUTEX-HV823_13 Datasheet
1Mb / 8P
High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
Low Noise, High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_13 Datasheet
805Kb / 6P
High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_13 Datasheet
673Kb / 5P
High Voltage EL Lamp Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC1001 FUMAN-SC1001 Datasheet
158Kb / 5P
EL LAMP DRIVER IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com