Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3384 Datasheet (PDF) - Pericom Semiconductor Corporation

PI5C3384 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5C3384
Download  PI5C3384 Download
File Size   466.41 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 10-Bit, 2-Port Bus Switch

PI5C3384 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5C3384 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5C3384
Download  PI5C3384 Click to download

File Size   466.41 Kbytes
Page   6 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 10-Bit, 2-Port Bus Switch

PI5C3384 Datasheet (HTML) - Pericom Semiconductor Corporation


PI5C3384 Product details

Product Description:
Pericom Semiconductor’s PI5C series of logic circuits are pro-duced in the Company’s advanced submicron CMOS technology, achieving industry performance.

Product Features:
• Near-zero propagation delay
• Low noise, 25 ohm version (PI5C32384)
• 5ohm switches connect inputs to outputs (PI5C3384)
• Direct bus connection when switches are ON
• Ultra-low quiescent power (0.2 µA typical)
    – Ideally suited for notebook applications
• Packages available:
    – 24-pin 150-mil wide plastic QSOP (Q)
    – 24-pin 300-mil wide plastic SOIC (S)
    – 24-pin 173-mil wide plastic TSSOP (L)




Similar Part No. - PI5C3384

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3384 PERICOM-PI5C3384 Datasheet
55Kb / 4P
10-Bit, 2-Port BusSwitch
PI5C3384 PERICOM-PI5C3384 Datasheet
466Kb / 6P
10-Bit, 2-Port Bus Switch
PI5C3384A PERICOM-PI5C3384A Datasheet
182Kb / 3P
10-Bit, 2-Port BusSwitch
PI5C3384C PERICOM-PI5C3384C Datasheet
55Kb / 4P
10-Bit, 2-Port BusSwitch
PI5C3384C PERICOM-PI5C3384C Datasheet
466Kb / 6P
10-Bit, 2-Port Bus Switch
More results


Similar Description - PI5C3384

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3861 PERICOM-PI5C3861 Datasheet
37Kb / 4P
10-Bit, 2-Port Bus Switch
PI3VT3384 PERICOM-PI3VT3384 Datasheet
250Kb / 5P
10-Bit, 2-Port, Low Voltage Translator Bus Switch
PI5C32X384 PERICOM-PI5C32X384_06 Datasheet
464Kb / 5P
20-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B3245A POTATO-PO3B3245A Datasheet
544Kb / 6P
8-Bit, 2-Port Bus Switch
PO3B16861A POTATO-PO3B16861A Datasheet
548Kb / 6P
20-Bit, 2-Port Bus Switch
PO3B3245A POTATO-PO3B3245A_14 Datasheet
1Mb / 5P
8-Bit, 2-Port Bus Switch
PO3B16245A POTATO-PO3B16245A_14 Datasheet
1Mb / 5P
16-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI5C3861QX PERICOM-PI5C3861QX Datasheet
344Kb / 4P
10-Bit, 2-Port Bus Switch
PI5C3384QE PERICOM-PI5C3384QE Datasheet
466Kb / 6P
10-Bit, 2-Port Bus Switch
PI5C3245 PERICOM-PI5C3245_10 Datasheet
696Kb / 5P
8-Bit, 2-Port Bus Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com