Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC125 Datasheet (PDF) - Hitachi Semiconductor

HC125 Datasheet PDF - Hitachi Semiconductor
Part # HC125
Download  HC125 Download
File Size   49.77 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quad. Bus Buffer Gates (with 3-state outputs)

HC125 Datasheet (PDF)

Go To PDF Page Download Datasheet
HC125 Datasheet PDF - Hitachi Semiconductor

Part # HC125
Download  HC125 Click to download

File Size   49.77 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quad. Bus Buffer Gates (with 3-state outputs)

HC125 Datasheet (HTML) - Hitachi Semiconductor


HC125 Product details

Description
The HD74HC125, HD74HC126 require the 3-state control input C to be taken high to put the output into the high impedance condition, whereas the HD74HC125, HD74HC126 requires the control input to be low to put the output into high impedance.

Features
• High Speed Operation: tpd = 8 ns typ (CL = 50 pF)
• High Output Current: Fanout of 15 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HC125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HC125 PHILIPS-HC125 Datasheet
78Kb / 16P
Quad buffer/line driver; 3-state
1999 Sep 27
logo
STMicroelectronics
HC125 STMICROELECTRONICS-HC125 Datasheet
61Kb / 8P
QUAD BUS BUFFERS 3-STATE
Jun-1999
logo
Texas Instruments
HC125 TI-HC125 Datasheet
36Kb / 7P
High Speed CMOS Logic Quad Buffer, Three-State
logo
Toshiba Semiconductor
HC125 TOSHIBA-HC125 Datasheet
243Kb / 7P
QUAD BUS BUFFER
logo
System Logic Semiconduc...
HC125 SLS-HC125 Datasheet
45Kb / 5P
Quad 3-State Noninverting Buffers
More results


Similar Description - HC125

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV125A HITACHI-HD74LV125A Datasheet
65Kb / 15P
Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A HITACHI-HD74LV126A Datasheet
58Kb / 14P
Quad. Bus Buffer Gates with 3-state Outputs
HD74LVC125A HITACHI-HD74LVC125A Datasheet
40Kb / 9P
Quad. Bus Buffer Gates with 3-state Outputs
logo
Renesas Technology Corp
HD74LVC125A RENESAS-HD74LVC125A Datasheet
183Kb / 7P
Quad. Bus Buffer Gates with 3-state Outputs
HD74LV125A RENESAS-HD74LV125A Datasheet
80Kb / 10P
Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A Datasheet
75Kb / 10P
Quad. Bus Buffer Gates with 3-state Outputs
RD74LVC126B RENESAS-RD74LVC126B Datasheet
99Kb / 9P
Quad. Bus Buffer Gates with 3-state Outputs
HD74HC125 RENESAS-HD74HC125 Datasheet
104Kb / 9P
Quad. Bus Buffer Gates (with 3-state outputs)
HD74LV125A RENESAS-HD74LV125A_15 Datasheet
105Kb / 12P
Quad. Bus Buffer Gates with 3-state Outputs
HD74LV126A RENESAS-HD74LV126A_15 Datasheet
100Kb / 12P
Quad. Bus Buffer Gates with 3-state Outputs
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com