Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC155 Datasheet (PDF) - Hitachi Semiconductor

HD74HC155 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC155
Download  HD74HC155 Download
File Size   49.87 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual 2-to-4-line Decoders/Demultiplexers

HD74HC155 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC155 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC155
Download  HD74HC155 Click to download

File Size   49.87 Kbytes
Page   9 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual 2-to-4-line Decoders/Demultiplexers

HD74HC155 Datasheet (HTML) - Hitachi Semiconductor


HD74HC155 Product details

Description

This circuit features dual 1-line-to-4-line demultiplexer with individual strobes and common binary-address input. When both sections are enabled by the strobes, the common binary-address inputs sequentially select and route associated input data to the appropriate output of each section. The individual strobes permit activating or inhibiting each of the 4-bit sections as desired. Data applied to input 1C is inverted through its outputs. The inverter following the 1C data input permits use as a 3-to-8-line decoder or 1-to-8-line demultiplexer without external gating.



Features

•  High Speed Operation: tpd(A or B to Y) = 15 ns typ (CL= 50 pF)

•  High Output Current: Fanout of 10 LSTTL Loads

•  Wide Operating Voltage: VCC= 2 to 6 V

•  Low Input Current: 1 µA max

•  Low Quiescent Supply Current: ICC(static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC155

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC155 RENESAS-HD74HC155 Datasheet
85Kb / 7P
Dual 2-to-4-line Decoders/Demultiplexers
HD74HC155FPEL RENESAS-HD74HC155FPEL Datasheet
85Kb / 7P
Dual 2-to-4-line Decoders/Demultiplexers
HD74HC155P RENESAS-HD74HC155P Datasheet
85Kb / 7P
Dual 2-to-4-line Decoders/Demultiplexers
More results


Similar Description - HD74HC155

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC139 TI-SN54AHC139 Datasheet
115Kb / 15P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HC139 TI-SN54HC139 Datasheet
535Kb / 16P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HCT139 TI-SN54HCT139 Datasheet
93Kb / 5P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
logo
National Semiconductor ...
74LS155 NSC-74LS155 Datasheet
161Kb / 8P
Dual 2-Line to 4-Line Decoders/Demultiplexers
logo
List of Unclassifed Man...
GD74HCT155 ETC1-GD74HCT155 Datasheet
191Kb / 4P
DUAL 2-TO-4 LINE DECODERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54HC139 TI-SN54HC139_07 Datasheet
678Kb / 18P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54LV139A TI-SN54LV139A_08 Datasheet
779Kb / 19P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
CD74ACT139MG4 TI-CD74ACT139MG4 Datasheet
869Kb / 14P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74155J TI-SN74155J Datasheet
1Mb / 23P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
RD74LVC139B RENESAS-RD74LVC139B_15 Datasheet
116Kb / 10P
Dual 2-to-4-line Decoders / Demultiplexers
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com