Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC294 Datasheet (PDF) - Hitachi Semiconductor

HD74HC294 Datasheet PDF - Hitachi Semiconductor
Part # HD74HC294
Download  HD74HC294 Download
File Size   68.65 Kbytes
Page   12 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Programmable Frequency Divider/Digital Timer

HD74HC294 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC294 Datasheet PDF - Hitachi Semiconductor

Part # HD74HC294
Download  HD74HC294 Click to download

File Size   68.65 Kbytes
Page   12 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Programmable Frequency Divider/Digital Timer

HD74HC294 Datasheet (HTML) - Hitachi Semiconductor


HD74HC294 Product details

Description
This device divides the incoming clock frequency by a number (a power of 2) that is preset by the Programming inputs. It has two Clock inputs, either of which may be used as a clock inhibit. The device also has an active-low Reset, which initializes the internal flip-flop states. Test Point outputs (TP1, TP2, TP3) are provided with HD74HC292 to facilitate incoming inspections.
Test Point output is provided with HD74HC294 to facilitate incoming inspections.

Features
• High Speed Operation: tpd (Clock to Q) = 16 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: VCC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: ICC (static) = 4 µA max (Ta = 25°C)




Similar Part No. - HD74HC294

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC294 RENESAS-HD74HC294 Datasheet
123Kb / 10P
Programmable Frequency Divider/Digital Timer
HD74HC294FPEL RENESAS-HD74HC294FPEL Datasheet
123Kb / 10P
Programmable Frequency Divider/Digital Timer
More results


Similar Description - HD74HC294

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC292 STMICROELECTRONICS-M54HC292 Datasheet
299Kb / 14P
PROGRAMMABLE DIVIDER/TIMER
Oct-1993
logo
Toshiba Semiconductor
TC74HC7292AP TOSHIBA-TC74HC7292AP Datasheet
300Kb / 7P
PROGRAMMABLE DIVIDER/TIMER
logo
LSI Computer Systems
LS7213 LSI-LS7213 Datasheet
43Kb / 4P
PROGRAMMABLE DIGITAL DELAY TIMER
logo
Siemens Semiconductor G...
SAB0529 SIEMENS-SAB0529 Datasheet
517Kb / 16P
SIEMENS PROGRAMMABLE DIGITAL TIMER
logo
Toshiba Semiconductor
TC74HC7292AP TOSHIBA-TC74HC7292AP_07 Datasheet
407Kb / 10P
Programmable Divider/Timer
logo
STMicroelectronics
M74HC292 STMICROELECTRONICS-M74HC292 Datasheet
469Kb / 12P
PROGRAMMABLE DIVIDER/TIMER
Aug-2001
M74HC294 STMICROELECTRONICS-M74HC294 Datasheet
422Kb / 11P
PROGRAMMABLE DIVIDER/TIMER
Aug-2001
logo
Renesas Technology Corp
HD74HC292 RENESAS-HD74HC292 Datasheet
123Kb / 10P
Programmable Frequency Divider/Digital Timer
logo
LSI Computer Systems
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211_03 Datasheet
275Kb / 8P
PROGRAMMABLE DIGITAL DELAY TIMER
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com