Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B040500 Datasheet (PDF) - E-SWITCH

B040500 Datasheet PDF - E-SWITCH
Part # B040500
Download  B040500 Download
File Size   15.66 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description 320.05 CAP BLACK (COMP)

B040500 Datasheet (PDF)

Go To PDF Page Download Datasheet
B040500 Datasheet PDF - E-SWITCH

Part # B040500
Download  B040500 Click to download

File Size   15.66 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description 320.05 CAP BLACK (COMP)

B040500 Datasheet (HTML) - E-SWITCH




Similar Part No. - B040500

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B040501 E-SWITCH-B040501 Datasheet
15Kb / 1P
320.05 CAP WHT (COMP)
B040502 E-SWITCH-B040502 Datasheet
15Kb / 1P
All Dimension In MM
B040504 E-SWITCH-B040504 Datasheet
15Kb / 1P
All Dimension In MM
B040505 E-SWITCH-B040505 Datasheet
15Kb / 1P
All Dimension In MM
B040508 E-SWITCH-B040508 Datasheet
15Kb / 1P
All Dimension In MM
More results


Similar Description - B040500

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM25DF25K33 PROTEC-PAM25DF25K33 Datasheet
515Kb / 6P
5000 watt TVS Comp onent
logo
Advanced Thermal Soluti...
ATS-59003-C1-R0 ATS-ATS-59003-C1-R0 Datasheet
749Kb / 1P
maxiGRIP™ HS Assembly, T766, BLACK-ANODIZED, 25MM COMP
Rev - 121101
ATS-59004-C1-R0 ATS-ATS-59004-C1-R0 Datasheet
749Kb / 1P
maxiGRIP™ HS Assembly, T766, BLACK-ANODIZED, 25MM COMP
Rev - 121101
ATS-59007-C1-R0 ATS-ATS-59007-C1-R0 Datasheet
748Kb / 1P
maxiGRIP HS Assembly, T766, BLACK-ANODIZED, 35MM COMP
Rev - 121101
ATS-59008-C1-R0 ATS-ATS-59008-C1-R0 Datasheet
748Kb / 1P
maxiGRIP HS Assembly, T766, BLACK-ANODIZED, 35MM COMP
Rev - 121101
ATS-59009-C1-R0 ATS-ATS-59009-C1-R0 Datasheet
750Kb / 1P
maxiGRIP HS Assembly, T412, BLACK-ANODIZED, 42.5MM COMP
Rev - 121101
ATS-59010-C1-R0 ATS-ATS-59010-C1-R0 Datasheet
750Kb / 1P
maxiGRIP HS Assembly, 3M8815, BLACK-ANODIZED, 42.5MM COMP
Rev - 121101
logo
List of Unclassifed Man...
RECE20279001E ETC1-RECE20279001E Datasheet
267Kb / 1P
IPEX MHF (U.FL comp) receptacle
logo
Advanced Thermal Soluti...
ATS-60004-C1-R0 ATS-ATS-60004-C1-R0 Datasheet
977Kb / 1P
maxiFLOW™ Heat Sink, T412, BLACK-ANODIZED, >=45MM COMP
Rev - 121101
logo
E-SWITCH
B040501 E-SWITCH-B040501 Datasheet
15Kb / 1P
320.05 CAP WHT (COMP)
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com