Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM706TAM6F Datasheet (PDF) - STMicroelectronics

STM706TAM6F Datasheet PDF - STMicroelectronics
Part # STM706TAM6F
Download  STM706TAM6F Download
File Size   706.57 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 V supervisor

STM706TAM6F Datasheet (PDF)

Go To PDF Page Download Datasheet
STM706TAM6F Datasheet PDF - STMicroelectronics

Part # STM706TAM6F
Download  STM706TAM6F Click to download

File Size   706.57 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 V supervisor

STM706TAM6F Datasheet (HTML) - STMicroelectronics


STM706TAM6F Product details

Features
■ Precision VCC monitor – T: 3.00 V ≤ VRST ≤ 3.15 V – S: 2.88 V ≤ VRST ≤ 3.00 V – R: STM706P: 2.59 V ≤ VRST ≤ 2.70 V
■ RST and RST outputs
■ 200 ms (typ.) trec
■ Watchdog timer - 1.6 s (typ.)
■ Manual reset input (MR)
■ Power-fail comparator (PFI/PFO)
■ Low supply current - 40 µA (typ.)
■ Guaranteed RST (RST) assertion down to VCC = 1.0 V
■ Operating temperature: –40 °C to 85 °C (industrial grade)
■ RoHS compliance – Lead-free components are compliant with the RoHS directive

Applications
■ Computers
■ Controllers
■ Intelligent instruments 1. Contact local ST sales office for availability.
■ Critical µP power monitoring
■ Terminals
■ Base stations
■ Medical equipment
■ Set-top box 8 1 SO8 (M) TSSOP8 3x3 (DS)(1)




Similar Part No. - STM706TAM6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM706T STMICROELECTRONICS-STM706T Datasheet
468Kb / 26P
3V Supervisor
Feb-2005
STM706T STMICROELECTRONICS-STM706T Datasheet
701Kb / 33P
3 V supervisor
06-Aug-2010
STM706TDS6E STMICROELECTRONICS-STM706TDS6E Datasheet
468Kb / 26P
3V Supervisor
Feb-2005
STM706TDS6E STMICROELECTRONICS-STM706TDS6E Datasheet
701Kb / 33P
3 V supervisor
06-Aug-2010
STM706TDS6F STMICROELECTRONICS-STM706TDS6F Datasheet
468Kb / 26P
3V Supervisor
Feb-2005
More results


Similar Description - STM706TAM6F

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
3/3.3/4.0 V uP Supervisor Circuits
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
3 Pin Microprocessor Supervisor Circuit
logo
STMicroelectronics
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
3 V FIPS-140 security supervisor with battery switchover
20-Aug-2008
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
3 V FIPS-140 security supervisor with battery switchover
21-Aug-2008
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
19-Oct-2010
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
5 V or 3 V NVRAM supervisor for LPSRAM
25-Oct-2010
STM706T STMICROELECTRONICS-STM706T_10 Datasheet
701Kb / 33P
3 V supervisor
06-Aug-2010
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
3 V supervisor with battery switchover
18-Aug-2010
STM705 STMICROELECTRONICS-STM705_10 Datasheet
838Kb / 32P
5 V supervisor
06-Aug-2010
STM706PAM6F STMICROELECTRONICS-STM706PAM6F Datasheet
706Kb / 32P
3 V supervisor
21-Aug-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com