Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-15 Datasheet (PDF) - Cooper Bussmann, Inc.

SC-15 Datasheet PDF - Cooper Bussmann, Inc.
Part # SC-15
Download  SC-15 Download
File Size   208.35 Kbytes
Page   3 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description SC - 600Vac/480Vac, 1.2-60A Size Rejecting Fuses

SC-15 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC-15 Datasheet PDF - Cooper Bussmann, Inc.

Part # SC-15
Download  SC-15 Click to download

File Size   208.35 Kbytes
Page   3 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description SC - 600Vac/480Vac, 1.2-60A Size Rejecting Fuses

SC-15 Datasheet (HTML) - Cooper Bussmann, Inc.


SC-15 Product details

Time-Delay Fuses
Class G – 600 Volt, 1⁄2 - 20 Amps
                 480 Volt, 25 - 60 Amps

General Information:
• Compact branch-circuit units with high interrupting rating and current-limitation.
• With 600V rating, they can be used in 120/208, 120/240 and 277/480V circuits.
• Length variations relative to case size make the “rejection” type fuses.
• In general, SC fuses are about ⁄Ω£ the size of the 600V NEC fuse type.
• SC fuses with ampere ratings above 6A have a degree of overload time-delay which permits them to pass temporary overloads. At 200% load, they have a minimum opening time of 12 seconds.




Similar Part No. - SC-15

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SC-15 COOPER-SC-15 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A
logo
Eaton All Rights Reserv...
SC-15 EATON-SC-15 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
logo
Kemet Corporation
SC-15-01H KEMET-SC-15-01H Datasheet
1Mb / 17P
Common Mode SC Coils, Standard Series
SC-15-01H KEMET-SC-15-01H Datasheet
77Kb / 1P
KEMET, SC, AC Line Filters, Common Mode, 67 uH
SC-15-02J KEMET-SC-15-02J Datasheet
1Mb / 20P
Common Mode SC Coils, SC-J Series, Terminal Base Type
More results


Similar Description - SC-15

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPJ-50SP COOPER-LPJ-50SP Datasheet
230Kb / 3P
LPJ ??600Vac/300Vdc, 1-60A, Dual Element, Time-Delay Fuses
LP-CC-1 COOPER-LP-CC-1 Datasheet
222Kb / 3P
LP-CC . 600Vac/300Vdc, 1.2-30A Time-Delay Fuses
FRS-R-3 COOPER-FRS-R-3 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
FRS-R-15 COOPER-FRS-R-15 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1/10-60A, Dual Element, Time-Delay Fuses
FRS-R-20 COOPER-FRS-R-20 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
SC-1 COOPER-SC-1 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A
JKS-1 COOPER-JKS-1 Datasheet
224Kb / 3P
JKS ??600Vac, 1-60A, Fast-Acting Fuses
logo
List of Unclassifed Man...
LPJ-1SP ETC2-LPJ-1SP Datasheet
719Kb / 4P
LPJ Class J 600Vac/300Vdc, 1-60A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
SC-1-2 EATON-SC-1-2 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
ECSR EATON-ECSR Datasheet
197Kb / 2P
Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com