Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC139 Datasheet (PDF) - Hitachi Semiconductor

HD74LVC139 Datasheet PDF - Hitachi Semiconductor
Part # HD74LVC139
Download  HD74LVC139 Download
File Size   36.7 Kbytes
Page   7 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual 2-to-4-line Decoders / Demultiplexers

HD74LVC139 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LVC139 Datasheet PDF - Hitachi Semiconductor

Part # HD74LVC139
Download  HD74LVC139 Click to download

File Size   36.7 Kbytes
Page   7 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Dual 2-to-4-line Decoders / Demultiplexers

HD74LVC139 Datasheet (HTML) - Hitachi Semiconductor


HD74LVC139 Product details

Description
The HD74LVC139 has two independent two-to-four-line decoders each with a single active low enable input in a 16 pin package. Data on the select inputs cause one of the four normally high outputs to go low. Low voltage and high speed operation is suitable at the battery drive product (note type personal computer) and low power consumption extends the life of a battery for long time operation.

Features
• VCC = 2.0 V to 5.5 V
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@VCC = 3.0 V to 5.5 V)




Similar Part No. - HD74LVC139

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC139 RENESAS-HD74LVC139 Datasheet
82Kb / 6P
Dual 2-to-4-line Decoders / Demultiplexers
HD74LVC139FPEL RENESAS-HD74LVC139FPEL Datasheet
82Kb / 6P
Dual 2-to-4-line Decoders / Demultiplexers
HD74LVC139TELL RENESAS-HD74LVC139TELL Datasheet
82Kb / 6P
Dual 2-to-4-line Decoders / Demultiplexers
More results


Similar Description - HD74LVC139

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC139 TI-SN54AHC139 Datasheet
115Kb / 15P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HC139 TI-SN54HC139 Datasheet
535Kb / 16P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54HCT139 TI-SN54HCT139 Datasheet
93Kb / 5P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
logo
National Semiconductor ...
74LS155 NSC-74LS155 Datasheet
161Kb / 8P
Dual 2-Line to 4-Line Decoders/Demultiplexers
logo
List of Unclassifed Man...
GD74HCT155 ETC1-GD74HCT155 Datasheet
191Kb / 4P
DUAL 2-TO-4 LINE DECODERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54HC139 TI-SN54HC139_07 Datasheet
678Kb / 18P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN54LV139A TI-SN54LV139A_08 Datasheet
779Kb / 19P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
CD74ACT139MG4 TI-CD74ACT139MG4 Datasheet
869Kb / 14P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
SN74155J TI-SN74155J Datasheet
1Mb / 23P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
RD74LVC139B RENESAS-RD74LVC139B_15 Datasheet
116Kb / 10P
Dual 2-to-4-line Decoders / Demultiplexers
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com