Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC16244A Datasheet (PDF) - Hitachi Semiconductor

HD74LVC16244A Datasheet PDF - Hitachi Semiconductor
Part # HD74LVC16244A
Download  HD74LVC16244A Download
File Size   50.3 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 16-bit Buffers / Line Drivers with 3-state Outputs

HD74LVC16244A Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LVC16244A Datasheet PDF - Hitachi Semiconductor

Part # HD74LVC16244A
Download  HD74LVC16244A Click to download

File Size   50.3 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 16-bit Buffers / Line Drivers with 3-state Outputs

HD74LVC16244A Datasheet (HTML) - Hitachi Semiconductor


HD74LVC16244A Product details

Description
The HD74LVC16244A has sixteen line drivers with three state outputs in a 48 pin package. This device is a non inverting buffer and has two active low enables (1G to 4G). Each enable independently controls four buffers. Low voltage and high speed operation is suitable at the battery drive product (note type personal computer) and low power consumption extends the life of a battery for long time operation.

Features
• VCC = 2.0 V to 5.5 V
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs VOUT (Max.) = 5.5 V (@VCC = 0 V or output off state)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@VCC = 3.0 V to 5.5 V)




Similar Part No. - HD74LVC16244A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC16244A RENESAS-HD74LVC16244A Datasheet
187Kb / 8P
16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16244ATEL RENESAS-HD74LVC16244ATEL Datasheet
187Kb / 8P
16-bit Buffers / Line Drivers with 3-state Outputs
More results


Similar Description - HD74LVC16244A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC16244 TI-54AC16244 Datasheet
125Kb / 10P
16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
SN54ACT16244 TI-SN54ACT16244 Datasheet
110Kb / 7P
16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LVC16240A HITACHI-HD74LVC16240A Datasheet
51Kb / 9P
16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16540 HITACHI-HD74LVC16540 Datasheet
51Kb / 8P
16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVCZ16240A HITACHI-HD74LVCZ16240A Datasheet
54Kb / 11P
16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVCZ16244A HITACHI-HD74LVCZ16244A Datasheet
53Kb / 11P
16-bit Buffers / Line Drivers with 3-state Outputs
logo
Renesas Technology Corp
RD74LVC16244B RENESAS-RD74LVC16244B Datasheet
77Kb / 9P
16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
54AC16244 TI-54AC16244_07 Datasheet
335Kb / 12P
16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVCZ16240A RENESAS-HD74LVCZ16240A Datasheet
102Kb / 9P
16-bit Buffers / Line Drivers with 3-state Outputs
RD74LVC16240B RENESAS-RD74LVC16240B Datasheet
107Kb / 9P
16-bit Buffers / Line Drivers with 3-state Outputs
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com