Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC16374A Datasheet (PDF) - Hitachi Semiconductor

HD74LVC16374A Datasheet PDF - Hitachi Semiconductor
Part # HD74LVC16374A
Download  HD74LVC16374A Download
File Size   53.28 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 16-bit D-type Flip Flops with 3-state Outputs

HD74LVC16374A Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LVC16374A Datasheet PDF - Hitachi Semiconductor

Part # HD74LVC16374A
Download  HD74LVC16374A Click to download

File Size   53.28 Kbytes
Page   10 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 16-bit D-type Flip Flops with 3-state Outputs

HD74LVC16374A Datasheet (HTML) - Hitachi Semiconductor


HD74LVC16374A Product details

Description
The HD74LVC16374A has sixteen edge trigger D type flip flops with three state outputs in a 48 pin package. Data at the D inputs meeting set up reguirements, are transferred to the Q outputs on positive going transitions of the clock input. When the latch enable goes low, data at the D inputs will be retained at the outputs until latch enable returns high again. When a high logic level is applied to the output control input, all outputs go to a high impedance state, regardless of what signals are present at the other inputs and the state of the storage elements. Low voltage and high speed operation is suitable at the battery drive product (note type personal computer) and low power consumption extends the life of a battery for long time operation.

Features
• VCC = 2.0 V to 5.5 V
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs VOUT (Max.) = 5.5 V (@VCC = 0 V or output off state)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@VCC = 3.0 V to 5.5 V)




Similar Part No. - HD74LVC16374A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC16374A RENESAS-HD74LVC16374A Datasheet
192Kb / 9P
16-bit D-type Flip Flops with 3-state Outputs
HD74LVC16374ATEL RENESAS-HD74LVC16374ATEL Datasheet
192Kb / 9P
16-bit D-type Flip Flops with 3-state Outputs
More results


Similar Description - HD74LVC16374A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT16374 TI-SN54ACT16374 Datasheet
178Kb / 10P
16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC16374 TI-SN54AHC16374 Datasheet
135Kb / 8P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHCT16374 TI-SN54AHCT16374 Datasheet
113Kb / 7P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162374 HITACHI-HD74ALVCH162374 Datasheet
55Kb / 12P
16-bit Edge triggered D-type Flip Flops with 3-state Outputs
HD74ALVCH16374 HITACHI-HD74ALVCH16374 Datasheet
50Kb / 10P
16-bit D-type Flip Flops with 3-state Outputs
logo
Texas Instruments
SN54ABT16374A TI-SN54ABT16374A_08 Datasheet
370Kb / 13P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVC16374A RENESAS-HD74LVC16374A Datasheet
192Kb / 9P
16-bit D-type Flip Flops with 3-state Outputs
RD74LVC16374B RENESAS-RD74LVC16374B Datasheet
80Kb / 9P
16-bit D-type Flip Flops with 3-state Outputs
HD74ALVCH16374 RENESAS-HD74ALVCH16374 Datasheet
78Kb / 9P
16-bit D-type Flip Flops with 3-state Outputs
HD74ALVCH16374 RENESAS-HD74ALVCH16374_15 Datasheet
108Kb / 11P
16-bit D-type Flip Flops with 3-state Outputs
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com