Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC240A Datasheet (PDF) - Hitachi Semiconductor

HD74LVC240A Datasheet PDF - Hitachi Semiconductor
Part # HD74LVC240A
Download  HD74LVC240A Download
File Size   47.65 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Octal Buffers / Line Drivers with 3-state Outputs

HD74LVC240A Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LVC240A Datasheet PDF - Hitachi Semiconductor

Part # HD74LVC240A
Download  HD74LVC240A Click to download

File Size   47.65 Kbytes
Page   8 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Octal Buffers / Line Drivers with 3-state Outputs

HD74LVC240A Datasheet (HTML) - Hitachi Semiconductor


HD74LVC240A Product details

Description
The HD74LVC240A has eight inverter drivers with three state outputs in a 20 pin package. This device is a inverting buffer and has two active low enables (1G and 2G). Each enable independently controls four buffers. Low voltage and high speed operation is suitable at the battery drive product (note type personal computer) and low power consumption extends the life of a battery for long time operation.

Features
• VCC = 2.0 V to 5.5 V
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs VOUT (Max.) = 5.5 V (@VCC = 0 V or output off state)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@VCC = 3.0 V to 5.5 V)




Similar Part No. - HD74LVC240A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC240A RENESAS-HD74LVC240A Datasheet
189Kb / 7P
Octal Buffers / Line Drivers with 3-state Outputs
HD74LVC240AFPEL RENESAS-HD74LVC240AFPEL Datasheet
189Kb / 7P
Octal Buffers / Line Drivers with 3-state Outputs
HD74LVC240ATELL RENESAS-HD74LVC240ATELL Datasheet
189Kb / 7P
Octal Buffers / Line Drivers with 3-state Outputs
More results


Similar Description - HD74LVC240A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
Octal Buffers/Line Drivers (with 3-state outputs)
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Renesas Technology Corp
HD74LVC240A RENESAS-HD74LVC240A Datasheet
189Kb / 7P
Octal Buffers / Line Drivers with 3-state Outputs
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
Octal Buffers/Line Drivers (with 3-state outputs)
HD74BC244A RENESAS-HD74BC244A Datasheet
120Kb / 9P
Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54AC11241 TI1-54AC11241_09 Datasheet
105Kb / 7P
OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com