Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC32 Datasheet (PDF) - Hitachi Semiconductor

HD74LVC32 Datasheet PDF - Hitachi Semiconductor
Part # HD74LVC32
Download  HD74LVC32 Download
File Size   35.91 Kbytes
Page   7 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quad. 2-input OR Gates

HD74LVC32 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74LVC32 Datasheet PDF - Hitachi Semiconductor

Part # HD74LVC32
Download  HD74LVC32 Click to download

File Size   35.91 Kbytes
Page   7 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Quad. 2-input OR Gates

HD74LVC32 Datasheet (HTML) - Hitachi Semiconductor


HD74LVC32 Product details

Description
The HD74LVC32 has four 2-input OR gates in a 14 pin package. Low voltage and high speed operation is suitable at the battery drive product (note type personal computer) and low power consumption extends the life of a battery for long time operation.

Features
• VCC = 2.0 V to 5.5 V
• All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25°C)
• High output current ±24 mA (@VCC = 3.0 V to 5.5 V)




Similar Part No. - HD74LVC32

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LVC32 RENESAS-HD74LVC32 Datasheet
177Kb / 6P
Quad. 2-input OR Gates
HD74LVC32FPEL RENESAS-HD74LVC32FPEL Datasheet
177Kb / 6P
Quad. 2-input OR Gates
HD74LVC32TELL RENESAS-HD74LVC32TELL Datasheet
177Kb / 6P
Quad. 2-input OR Gates
More results


Similar Description - HD74LVC32

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC32 HITACHI-HD74HC32 Datasheet
45Kb / 8P
Quad. 2-input OR Gates
HD74LV32A HITACHI-HD74LV32A Datasheet
51Kb / 13P
Quad. 2-input OR Gates
logo
Micro Electronics
MMC4071 MICRO-ELECTRONICS-MMC4071 Datasheet
112Kb / 4P
OR GATES : QUAD 2 INPUT
logo
National Semiconductor ...
5432 NSC-5432 Datasheet
88Kb / 4P
QUAD 2-INPUT OR GATES
logo
Renesas Technology Corp
RD74LVC32B RENESAS-RD74LVC32B Datasheet
74Kb / 8P
Quad. 2-input OR Gates
HD74LV32A RENESAS-HD74LV32A Datasheet
67Kb / 9P
Quad. 2-input OR Gates
HD74HC32 RENESAS-HD74HC32 Datasheet
91Kb / 7P
Quad. 2-input OR Gates
HD74HC32 RENESAS-HD74HC32_15 Datasheet
123Kb / 9P
Quad. 2-input OR Gates
HD74LV32A RENESAS-HD74LV32A_15 Datasheet
91Kb / 11P
Quad. 2-input OR Gates
RD74LVC32B RENESAS-RD74LVC32B_15 Datasheet
98Kb / 10P
Quad. 2-input OR Gates
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com