Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74UH04 Datasheet (PDF) - Hitachi Semiconductor

HD74UH04 Datasheet PDF - Hitachi Semiconductor
Part # HD74UH04
Download  HD74UH04 Download
File Size   33.98 Kbytes
Page   7 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Inverter

HD74UH04 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74UH04 Datasheet PDF - Hitachi Semiconductor

Part # HD74UH04
Download  HD74UH04 Click to download

File Size   33.98 Kbytes
Page   7 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Inverter

HD74UH04 Datasheet (HTML) - Hitachi Semiconductor


HD74UH04 Product details

Description
The HD74UH04 is high speed CMOS inverter using silicon gate CMOS process. With CMOS low power dissipation, it provides high speed equiralent to LS-TTL series. The internal circuit of three stages construction with buffer provides wide noise margin and stable output.
   
Features
• Encapsulated in very small 5pins package of 2.9 × 1.6 × 1.1 mm,
    the efficiency to mount on substrate is
    significantly improved.
• The basic gate function is lined up as hitachi uni logic series.
• Supplied on embos taping for high speed automatic mounting.
• Electrical characteristics equivalent to the HD74HC04
    Supply voltage range: 2 to 6 V
    Operating temperature range: –40 to +85°C
• | IOH | = IOL = 2 mA (min)
   




Similar Part No. - HD74UH04

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74UH04 RENESAS-HD74UH04 Datasheet
147Kb / 7P
Inverter
HD74UH04EL RENESAS-HD74UH04EL Datasheet
147Kb / 7P
Inverter
More results


Similar Description - HD74UH04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
INVERTER
logo
Toshiba Semiconductor
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
INVERTER
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
Inverter
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
INVERTER
31-May-2001
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
INVERTER
27-Jul-2009
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
Inverter
30-Sep-2009
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
INVERTER
logo
Renesas Technology Corp
RJP1CS04DWA RENESAS-RJP1CS04DWA_15 Datasheet
114Kb / 4P
Inverter
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com