Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6264B Datasheet (PDF) - Hitachi Semiconductor

HM6264B Datasheet PDF - Hitachi Semiconductor
Part # HM6264B
Download  HM6264B Download
File Size   82.09 Kbytes
Page   15 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 64 k SRAM (8-kword x 8-bit)

HM6264B Datasheet (PDF)

Go To PDF Page Download Datasheet
HM6264B Datasheet PDF - Hitachi Semiconductor

Part # HM6264B
Download  HM6264B Click to download

File Size   82.09 Kbytes
Page   15 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 64 k SRAM (8-kword x 8-bit)

HM6264B Datasheet (HTML) - Hitachi Semiconductor


HM6264B Product details

Description

The Hitachi HM6264B is 64k-bit static RAM organized 8-kword × 8-bit. It realizes higher performance and low power consumption by 1.5 µm CMOS process technology. The device, packaged in 450 mil SOP (foot print pitch width), 600 mil plastic DIP, 300 mil plastic DIP, is available for high density mounting.



Features

• High speed

  Fast access time: 85/100 ns (max)

• Low power

  Standby: 10 µW (typ)

  Operation: 15 mW (typ) (f = 1 MHz)

• Single 5 V supply

• Completely static memory

  No clock or timing strobe required

• Equal access and cycle times

• Common data input and output

  Three state output

• Directly TTL compatible

  All inputs and outputs

• Battery backup operation capability



 




Similar Part No. - HM6264B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6264BI HITACHI-HM6264BI Datasheet
72Kb / 17P
64k SRAM (8-kword x 8-bit) Wide Temperature Range version
HM6264BLFPI-10T HITACHI-HM6264BLFPI-10T Datasheet
72Kb / 17P
64k SRAM (8-kword x 8-bit) Wide Temperature Range version
HM6264BLFPI-12T HITACHI-HM6264BLFPI-12T Datasheet
72Kb / 17P
64k SRAM (8-kword x 8-bit) Wide Temperature Range version
HM6264BLPI-10 HITACHI-HM6264BLPI-10 Datasheet
72Kb / 17P
64k SRAM (8-kword x 8-bit) Wide Temperature Range version
HM6264BLPI-12 HITACHI-HM6264BLPI-12 Datasheet
72Kb / 17P
64k SRAM (8-kword x 8-bit) Wide Temperature Range version
More results


Similar Description - HM6264B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628512B HITACHI-HM628512B Datasheet
85Kb / 18P
4 M SRAM (512-kword x 8-bit)
HM62W8512BI HITACHI-HM62W8512BI Datasheet
58Kb / 14P
4 M SRAM (512-kword x 8-bit)
HM9264B HITACHI-HM9264B Datasheet
73Kb / 14P
64 k SRAM (8-kword x 8-bit)
HN58S65A HITACHI-HN58S65A Datasheet
93Kb / 18P
64 k EEPROM (8-kword x 8-bit) Ready/Busy function
HN58V65A HITACHI-HN58V65A Datasheet
127Kb / 27P
64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
HM62256B HITACHI-HM62256B Datasheet
154Kb / 20P
256k SRAM (32-kword x 8-bit)
HM628512ALFP-5 HITACHI-HM628512ALFP-5 Datasheet
552Kb / 18P
4M SRAM (512 KWORD X 8 BIT)
HM628128B HITACHI-HM628128B Datasheet
627Kb / 19P
1 M SRAM (128-KWORD X 8 BIT)
HM62832UH HITACHI-HM62832UH Datasheet
114Kb / 13P
256 k High Speed SRAM (32-kword 8-bit)
logo
Renesas Technology Corp
R1LV0408C-C RENESAS-R1LV0408C-C Datasheet
97Kb / 14P
4M SRAM (512-kword X 8-bit)
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com