Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM6264 Datasheet (PDF) - Hitachi Semiconductor

HM6264 Datasheet PDF - Hitachi Semiconductor
Part # HM6264
Download  HM6264 Download
File Size   72.32 Kbytes
Page   17 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 64k SRAM (8-kword x 8-bit) Wide Temperature Range version

HM6264 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM6264 Datasheet PDF - Hitachi Semiconductor

Part # HM6264
Download  HM6264 Click to download

File Size   72.32 Kbytes
Page   17 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 64k SRAM (8-kword x 8-bit) Wide Temperature Range version

HM6264 Datasheet (HTML) - Hitachi Semiconductor


HM6264 Product details

Description
The Hitachi HM6264BI is 64k-bit static RAM organized 8-kword × 8-bit. It realizes higher performance and low power consumption by 1.5 µm CMOS process technology. The device, packaged in 450 mil SOP (foot print pitch width), 600 mil plastic DIP, is available for high density mounting.

Features
• Single 5 V supply: 5 V ± 10%
• Access time: 100/120 ns (max)
• Power dissipation:
   Standby: 10 µW (typ)
   Operation: 15 mW (typ) (f = 1 MHz)
• Completely static memory
   No clock or timing strobe required
• Equal access and cycle times
• Common data input and output
   Three state output
• Directly TTL compatible
   All inputs and outputs
• Battery backup operation capability
• Operating temperature range: –40˚C to +85˚C




Similar Part No. - HM6264

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6264 HITACHI-HM6264 Datasheet
82Kb / 15P
64 k SRAM (8-kword x 8-bit)
HM6264 HITACHI-HM6264 Datasheet
592Kb / 8P
8192-word x 8-bit High Speed CMOS Static RAM
HM6264A HITACHI-HM6264A Datasheet
592Kb / 8P
8192-word x 8-bit High Speed CMOS Static RAM
HM6264A HITACHI-HM6264A Datasheet
54Kb / 10P
8192-word x 8-bit High Speed CMOS Static RAM
HM6264AFP-10 HITACHI-HM6264AFP-10 Datasheet
54Kb / 10P
8192-word x 8-bit High Speed CMOS Static RAM
More results


Similar Description - HM6264

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628512CI HITACHI-HM628512CI Datasheet
83Kb / 17P
Wide Temperature Range Version 4 M SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62V8100L RENESAS-HM62V8100L Datasheet
110Kb / 21P
Wide Temperature Range Version 8 M SRAM (1024-kword x 8-bit)
HM628100I RENESAS-HM628100I Datasheet
91Kb / 17P
Wide Temperature Range Version 8 M SRAM (1024-kword x 8-bit)
HM6216514I RENESAS-HM6216514I Datasheet
98Kb / 18P
Wide Temperature Range Version 8 M SRAM (512-kword x 16-bit)
HM62V16514I RENESAS-HM62V16514I Datasheet
97Kb / 19P
Wide Temperature Range Version 8 M SRAM (512-kword x 16-bit)
HM62V16512I RENESAS-HM62V16512I Datasheet
97Kb / 19P
WIDE TEMPERATURE RANGE VERSION 8 M SRAM (512-KWORD X 16-BIT)
R1LV0408C-I RENESAS-R1LV0408C-I Datasheet
93Kb / 14P
Wide Temperature Range Version 4M SRAM (512-kword 횞 8-bit)
HM62V8100I RENESAS-HM62V8100I Datasheet
108Kb / 21P
Wide Temperature Range Version 8 M SRAM (1024-kword 쨈 8-bit)
HM62V8100I RENESAS-HM62V8100I_09 Datasheet
924Kb / 16P
Wide Temperature Range Version 8 M SRAM (1024-kword 8-bit)
HM628100I RENESAS-HM628100I_15 Datasheet
114Kb / 19P
Wide Temperature Range Version 8 M SRAM (1024-kword 쨈 8-bit)
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com