Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM62W4100H Datasheet (PDF) - Hitachi Semiconductor

HM62W4100H Datasheet PDF - Hitachi Semiconductor
Part # HM62W4100H
Download  HM62W4100H Download
File Size   73.86 Kbytes
Page   13 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 4M High Speed SRAM (1-Mword x 4-bit)

HM62W4100H Datasheet (PDF)

Go To PDF Page Download Datasheet
HM62W4100H Datasheet PDF - Hitachi Semiconductor

Part # HM62W4100H
Download  HM62W4100H Click to download

File Size   73.86 Kbytes
Page   13 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description 4M High Speed SRAM (1-Mword x 4-bit)

HM62W4100H Datasheet (HTML) - Hitachi Semiconductor


HM62W4100H Product details

Description
The HM62W4100H is a 4-Mbit high speed static RAM organized 1-Mword × 4-bit. It has realized high speed access time by employing CMOS process (4-transistor + 2-poly resistor memory cell) and high speed circuit designing technology. It is most appropriate for the application which requires high speed and high density memory, such as cache and buffer memory in system. The HM62W4100H is packaged in 400-mil 32-pin SOJ for high density surface mounting.

Features
• Single supply : 3.3 V ± 0.3 V
• Access time 12/15 ns (max)
• Completely static memory
    - No clock or timing strobe required
• Equal access and cycle times
• Directly TTL compatible
    - All inputs and outputs
• Operating current : 180/160 mA (max)
• TTL standby current : 60/50 mA (max)
• CMOS standby current : 5 mA (max) : 1 mA (max) (L-version)
• Data retension current : 0.6 mA (max) (L-version)
• Data retension voltage: 2 V (min) (L-version)
• Center VCC and VSS type pinout




Similar Part No. - HM62W4100H

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62W4100HC HITACHI-HM62W4100HC Datasheet
65Kb / 14P
4M High Speed SRAM (1-Mword x 4-bit)
HM62W4100HCJP-10 HITACHI-HM62W4100HCJP-10 Datasheet
65Kb / 14P
4M High Speed SRAM (1-Mword x 4-bit)
HM62W4100HCLJP-10 HITACHI-HM62W4100HCLJP-10 Datasheet
65Kb / 14P
4M High Speed SRAM (1-Mword x 4-bit)
More results


Similar Description - HM62W4100H

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM621400H HITACHI-HM621400H Datasheet
73Kb / 13P
4M High Speed SRAM (4-Mword x 1-bit)
HM621400HC HITACHI-HM621400HC Datasheet
64Kb / 14P
4M High Speed SRAM (4-Mword x 1-bit)
HM624100H HITACHI-HM624100H Datasheet
74Kb / 13P
4M High Speed SRAM (1-Mword x 4-bit)
HM624100HC HITACHI-HM624100HC Datasheet
65Kb / 14P
4M High Speed SRAM (1-Mword x 4-bit)
HM62W4100HC HITACHI-HM62W4100HC Datasheet
65Kb / 14P
4M High Speed SRAM (1-Mword x 4-bit)
logo
Renesas Technology Corp
R1RW0404D RENESAS-R1RW0404D Datasheet
84Kb / 13P
4M HIGH SPEED SRAM (1-MWORD X 4-BIT)
R1RP0404D RENESAS-R1RP0404D Datasheet
84Kb / 13P
4M High Speed SRAM (1-Mword 횞 4-bit)
logo
Hitachi Semiconductor
HM62W1400H HITACHI-HM62W1400H Datasheet
82Kb / 14P
4M High Speed SRAM (4-Mword x1-bit)
logo
Renesas Technology Corp
R1LV1616HSA-I RENESAS-R1LV1616HSA-I Datasheet
477Kb / 21P
16 M SRAM (1-Mword x 16-bit / 2-Mword x 8-bit)
R1LV1616HBG-I RENESAS-R1LV1616HBG-I_17 Datasheet
432Kb / 15P
16 M SRAM (1-Mword x 16-bit)
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com