Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4700 Datasheet (PDF) - Diotec Semiconductor

4700 Datasheet PDF - Diotec Semiconductor
Part # 4700
Download  4700 Download
File Size   96.78 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Silicon Planar Zener Diodes

4700 Datasheet (PDF)

Go To PDF Page Download Datasheet
4700 Datasheet PDF - Diotec Semiconductor

Part # 4700
Download  4700 Click to download

File Size   96.78 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface mount Silicon Planar Zener Diodes

4700 Datasheet (HTML) - Diotec Semiconductor


4700 Product details

Features
    Zener voltage specified at 50µA Low leakage current Low profile package Compliant to RoHS, REACH, Conflict Minerals 1)

Typical Applications
    Voltage stabilization and regulators (For overvoltage protection – uni- and bi-directional – see TVS diodes SMF series) Commercial grade 1)

Mechanical Data 1)
    Taped and reeled 3000 / 7“
    Weight approx. 0.02 g
    Case material UL 94V-0
    Solder & assembly conditions 260°C/10s MSL = 1




Similar Part No. - 4700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4700 ETC1-4700 Datasheet
48Kb / 1P
4700
logo
IRC - a TT electronics ...
4700 IRCTT-4700 Datasheet
312Kb / 4P
TaNFilm짰 Precision SIP Network Commercial and MIL Qualified
logo
List of Unclassifed Man...
4700 ETC2-4700 Datasheet
229Kb / 1P
TO066 TRANSISTOR MOUNTING KIT
logo
TT Electronics.
4700 TTELEC-4700 Datasheet
348Kb / 4P
Custom configuration available
logo
List of Unclassifed Man...
4700 ETC2-4700 Datasheet
68Kb / 1P
WASHERS
More results


Similar Description - 4700

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BZX84C2V7 DIOTEC-BZX84C2V7 Datasheet
97Kb / 2P
Surface Mount Silicon Planar Zener Diodes
MM3Z2V4 DIOTEC-MM3Z2V4_07 Datasheet
96Kb / 2P
Surface mount Silicon Planar Zener Diodes
MMSZ5225B DIOTEC-MMSZ5225B_07 Datasheet
98Kb / 2P
Surface mount Silicon Planar Zener Diodes
BZT52C2V4 DIOTEC-BZT52C2V4_10 Datasheet
96Kb / 2P
Surface mount Silicon Planar Zener Diodes
ZMM1 DIOTEC-ZMM1_13 Datasheet
348Kb / 3P
Surface mount Silicon Planar Zener Diodes
MM3Z2B4 DIOTEC-MM3Z2B4_13 Datasheet
296Kb / 2P
Surface mount Silicon Planar Zener Diodes
MM3Z2B4 DIOTEC-MM3Z2B4_15 Datasheet
103Kb / 2P
Surface mount Silicon Planar Zener Diodes
BZT52C2V4 DIOTEC-BZT52C2V4_15 Datasheet
87Kb / 2P
Surface mount Silicon Planar Zener Diodes
ZMM3B9 DIOTEC-ZMM3B9_15 Datasheet
94Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
MMBZ5237DW YFWDIODE-MMBZ5237DW Datasheet
396Kb / 3P
Surface Mount Silicon Planar Zener Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com