Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK3150 Datasheet (PDF) - Diotec Semiconductor

SK3150 Datasheet PDF - Diotec Semiconductor
Part # SK3150
Download  SK3150 Download
File Size   102.36 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Schottky Rectifier Diode

SK3150 Datasheet (PDF)

Go To PDF Page Download Datasheet
SK3150 Datasheet PDF - Diotec Semiconductor

Part # SK3150
Download  SK3150 Click to download

File Size   102.36 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Surface Mount Schottky Rectifier Diode

SK3150 Datasheet (HTML) - Diotec Semiconductor


SK3150 Product details

Surface Mount Schottky Rectifier Diode

• Nominal current                                         3 A
• Repetitive peak reverse voltage            150 V
• Plastic case                    ~ SMC ~ DO-214AB
• Weight approx.                                     0.21 g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - SK3150

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
SK3150 CHENDA-SK3150 Datasheet
925Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Dongguan City Niuhang E...
SK3150 NIUHANG-SK3150 Datasheet
1Mb / 3P
SUFACE MOUNT SCHOTTKY RECTIFIERS
logo
Micro Commercial Compon...
SK3150 MCC-SK3150 Datasheet
480Kb / 3P
3 Amp Schottky Rectifier 150 Volts
logo
Shenzhen Yixinwei Techn...
SK3150 YIXIN-SK3150 Datasheet
163Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK3150 YIXIN-SK3150 Datasheet
206Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SK3150

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD1206-B220 BOURNS-CD1206-B220 Datasheet
382Kb / 4P
CD1206-B220~B2100 - Surface Mount Schottky Rectifier Diode
CD2010-B140 BOURNS-CD2010-B140 Datasheet
437Kb / 4P
CD2010-B140 - Surface Mount Schottky Rectifier Diode
CD2010-B160 BOURNS-CD2010-B160 Datasheet
376Kb / 4P
CD2010-B160 - Surface Mount Schottky Rectifier Diode
logo
Diotec Semiconductor
SK3150 DIOTEC-SK3150_13 Datasheet
102Kb / 2P
Surface Mount Schottky Rectifier Diode
logo
SUNMATE electronic Co.,...
SDM10K45 SUNMATE-SDM10K45 Datasheet
275Kb / 2P
SURFACE MOUNT SCHOTTKY RECTIFIER DIODE
logo
Bourns Electronic Solut...
CD-HD0X BOURNS-CD-HD0X Datasheet
267Kb / 4P
Surface Mount Schottky Bridge Rectifier Diode
CD-HD2X BOURNS-CD-HD2X Datasheet
298Kb / 5P
Surface Mount Schottky Bridge Rectifier Diode
logo
Yangzhou yangjie electr...
SS52BQ YANGJIE-SS52BQ Datasheet
229Kb / 4P
Surface Mount Schottky Rectifier
SS52Q YANGJIE-SS52Q Datasheet
247Kb / 4P
Surface Mount Schottky Rectifier
logo
SMC Diode Solutions Co....
SD103AWS SMCDIODE-SD103AWS Datasheet
260Kb / 4P
SD103AWS-SD103CWS SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER DIODE
Rev. B
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com