Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL13 Datasheet (PDF) - Diotec Semiconductor

SL13 Datasheet PDF - Diotec Semiconductor
Part # SL13
Download  SL13 Download
File Size   124.44 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Low Vf Surface Mount Schottky Rectifier Diodes

SL13 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL13 Datasheet PDF - Diotec Semiconductor

Part # SL13
Download  SL13 Click to download

File Size   124.44 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Low Vf Surface Mount Schottky Rectifier Diodes

SL13 Datasheet (HTML) - Diotec Semiconductor


SL13 Product details

• Nominal current                     1.5 A
• Repetitive peak reverse voltage 20...30 V
• Plastic case             ~ SMA ~ DO-214AC
• Weight approx.                      0.07g
• Plastic material has UL classification 94V-0
• Standard packaging taped and reeled




Similar Part No. - SL13

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SL13 PANJIT-SL13 Datasheet
50Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
SL13 TRSYS-SL13 Datasheet
156Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SL13 GE-SL13 Datasheet
74Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SL13 PANJIT-SL13 Datasheet
96Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SL13 BILIN-SL13 Datasheet
53Kb / 2P
SMD SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SL13

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SL22 TRSYS-SL22 Datasheet
164Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SL12 VISHAY-SL12 Datasheet
340Kb / 4P
Low VF Surface Mount Schottky Rectifier
22-Jan-08
logo
PACELEADER INDUSTRIAL
SM5817LV PACELEADER-SM5817LV Datasheet
174Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY RECTIFIER
logo
Pan Jit International I...
SK23L PANJIT-SK23L Datasheet
75Kb / 3P
LOW VF SURFACE MOUNT SCHOTTKY RECTIFIER
SS12L PANJIT-SS12L Datasheet
84Kb / 3P
LOW VF SURFACE MOUNT SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SL12 VISHAY-SL12_11 Datasheet
79Kb / 4P
Low VF Surface Mount Schottky Rectifier
19-Apr-11
logo
Central Semiconductor C...
CTLSH15-30M364 CENTRAL-CTLSH15-30M364 Datasheet
1Mb / 3P
SURFACE MOUNT SILICON LOW VF SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SL12 VISHAY-SL12_15 Datasheet
77Kb / 5P
Low VF Surface Mount Schottky Rectifier
25-Apr-14
SL02-M VISHAY-SL02-M_15 Datasheet
73Kb / 4P
Low VF Surface Mount Schottky Rectifier
25-Apr-14
SL12 VISHAY-SL12_V01 Datasheet
94Kb / 5P
Low VF Surface-Mount Schottky Rectifier
23-Apr-2020
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com