Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8562 Datasheet (PDF) - NXP Semiconductors

PCF8562 Datasheet PDF - NXP Semiconductors
Part # PCF8562
Download  PCF8562 Download
File Size   374.34 Kbytes
Page   44 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Universal LCD driver for low multiplex rates

PCF8562 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF8562 Datasheet PDF - NXP Semiconductors

Part # PCF8562
Download  PCF8562 Click to download

File Size   374.34 Kbytes
Page   44 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Universal LCD driver for low multiplex rates

PCF8562 Datasheet (HTML) - NXP Semiconductors


PCF8562 Product details

GENERAL DESCRIPTION

The PCF8562 is a peripheral device which interfaces to almost any Liquid Crystal Display (LCD) with low multiplex rates. It generates the drive signals for any static or multiplexed LCD containing up to four  backplanes and up to 32 segments. The PCF8562 is compatible with most microprocessors/microcontrollers and communicates via a two-line bidirectional I2C-bus. Communication overheads are minimized by a display RAM with auto-incremental addressing, by hardware subaddressing and by display memory switching (static and duplex drive modes).



FEATURES

• Single-chip LCD controller/driver

• Selectable backplane drive configuration: static or 2/3/4 backplane multiplexing

• Selectable display bias configuration: static, 1/2 and 1/3

• Internal LCD bias generation with voltage-follower buffers

• 32 segment drives: up to sixteen 8-segmentnumeric characters; up to eight 15-segment  alphanumeric characters; or any graphics of up to 128 elements

• 32 × 4-bit RAM for display data storage

• Auto-incremental display data loading across device subaddress boundaries

• Display memory bank switching instatic and duplex drive modes

• Versatile blinking modes

• Independent supplies possible for LCD and logic voltages

• Wide power supply range: from 1.8 to 5.5 V

• Wide logic LCD supply range: from 2.5 V for low-threshold LCDs and up to 6.5 V for guest-host LCDs and

high-threshold (automobile) twisted nematic LCDs

• Low power consumption

• 400 kHz I2C-bus interface

• TTL/CMOS compatible

• Compatible with 4, 8 or 16-bit microprocessorsor microcontrollers

• No external components

• Compatible with chip-on-glass technology

• Manufactured in silicon gate CMOS process.




Similar Part No. - PCF8562

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8562 PHILIPS-PCF8562 Datasheet
928Kb / 36P
Universal LCD driver for low multiplex rates
November 22, 2004
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8562 NXP-PCF8562 Datasheet
195Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 04-18 March 2009
PCF8562 NXP-PCF8562 Datasheet
433Kb / 43P
Universal LCD driver for low multiplex rates
Rev. 6-16 June 2011
PCF8562TT-2 NXP-PCF8562TT-2 Datasheet
433Kb / 43P
Universal LCD driver for low multiplex rates
Rev. 6-16 June 2011
More results


Similar Description - PCF8562

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8566 PHILIPS-PCF8566 Datasheet
243Kb / 40P
Universal LCD driver for low multiplex rates
1998 May 04
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCA85133 NXP-PCA85133 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-23 October 2009
PCF8566 NXP-PCF8566 Datasheet
247Kb / 48P
Universal LCD driver for low multiplex rates
Rev. 07-25 February 2009
PCA8576C NXP-PCA8576C Datasheet
343Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-22 July 2010
PCF8532 NXP-PCF8532 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-10 February 2009
PCF85134 NXP-PCF85134 Datasheet
215Kb / 40P
Universal LCD driver for low multiplex rates
Rev. 01-17 December 2009
PCF8576DU NXP-PCF8576DU Datasheet
371Kb / 57P
Universal LCD driver for low multiplex rates
Rev. 14-10 June 2013
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com