Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFM500NXM33-TS000 Datasheet (PDF) - Dynex Semiconductor

DFM500NXM33-TS000 Datasheet PDF - Dynex Semiconductor
Part # DFM500NXM33-TS000
Download  DFM500NXM33-TS000 Download
File Size   266.23 Kbytes
Page   6 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Fast Recovery Diode Module

DFM500NXM33-TS000 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFM500NXM33-TS000 Datasheet PDF - Dynex Semiconductor

Part # DFM500NXM33-TS000
Download  DFM500NXM33-TS000 Click to download

File Size   266.23 Kbytes
Page   6 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Fast Recovery Diode Module

DFM500NXM33-TS000 Datasheet (HTML) - Dynex Semiconductor


DFM500NXM33-TS000 Product details

Fast Recovery Diode Module

The DFM500NXM33-TS000 is a dual 3300V, fast recovery diode (FRD) module. Designed for low power loss, the module is suitable for a variety of high voltage applications in motor drives and power conversion.
Fast switching times and low reverse recovery losses allow high frequency operation, making the device suitable for the latest drive designs employing PWM and high frequency switching.
The module incorporates an electrically isolated base plate and low inductance construction enabling circuit designers to optimise circuit layouts and utilise grounded heat sinks for safety.

FEATURES
• Low Reverse Recovery Charge
• High Switching Speed
• Low Forward Volt Drop
• Isolated AlSiC Base With AlN Substrates
• Dual Diodes Can Be Paralleled For 1000A Rating
• Low FIT Rate

APPLICATIONS
• Chopper Diodes
• Boost and Buck Converters
• Free-wheel Circuits
• Motor Drives
• Resonant Converters
• Induction Heating
• Multi-level Switch Inverters





Similar Part No. - DFM500NXM33-TS000

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM500NXM33-TS000 DYNEX-DFM500NXM33-TS000_15 Datasheet
266Kb / 6P
Fast Recovery Diode Module
More results


Similar Description - DFM500NXM33-TS000

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2FI100G FUJI-2FI100G Datasheet
102Kb / 4P
FAST RECOVERY DIODE MODULE
2FI50F FUJI-2FI50F Datasheet
103Kb / 4P
FAST RECOVERY DIODE MODULE
logo
Dynex Semiconductor
DFM200PXM33-A000 DYNEX-DFM200PXM33-A000_10 Datasheet
249Kb / 6P
Fast Recovery Diode Module
DFM600FXM12-A000 DYNEX-DFM600FXM12-A000_10 Datasheet
251Kb / 6P
Fast Recovery Diode Module
DFM800NXM33-A000 DYNEX-DFM800NXM33-A000_10 Datasheet
255Kb / 6P
Fast Recovery Diode Module
DFM900FXM18-A000 DYNEX-DFM900FXM18-A000_10 Datasheet
253Kb / 6P
Fast Recovery Diode Module
DFM900FXS12-A000 DYNEX-DFM900FXS12-A000 Datasheet
250Kb / 6P
Fast Recovery Diode Module
DFM1200EXM12-A000 DYNEX-DFM1200EXM12-A000_11 Datasheet
270Kb / 6P
Fast Recovery Diode Module
DFM1200EXS12-A000 DYNEX-DFM1200EXS12-A000 Datasheet
269Kb / 6P
Fast Recovery Diode Module
DFM1200NXM33-F000 DYNEX-DFM1200NXM33-F000 Datasheet
259Kb / 6P
Fast Recovery Diode Module
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com