Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8501 Datasheet (PDF) - NEC

NX8501 Datasheet PDF - NEC
Part # NX8501
Download  NX8501 Download
File Size   97.38 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE

NX8501 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX8501 Datasheet PDF - NEC

Part # NX8501
Download  NX8501 Click to download

File Size   97.38 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE

NX8501 Datasheet (HTML) - NEC


NX8501 Product details

DESCRIPTION
The NX8501 Series is a 1 510 nm phase-shifted DFB (Distributed Feed-Back) laser diode with single mode fiber.
The Multiple Quantum Well (MQW) structure is adopted to achieve stable dynamic single longitudinal mode operation over wide temperature range of 0 to +65 °C.
It is designed for on-line monitoring of dense WDM fiber-optic networks.

FEATURES
• Peak wavelength λp = 1 510 nm
• Output power Pf = 2.0 mW
• Low threshold current Ith = 20 mA @ TC = 25 °C
• Wide operating temperature range TC = 0 to +65 °C
• InGaAs monitor PIN-PD
• Based on Bellcore TA-NWT-000983




Similar Part No. - NX8501

ManufacturerPart #DatasheetDescription
logo
NEC
NX8501 NEC-NX8501 Datasheet
61Kb / 8P
1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NX8501 NEC-NX8501 Datasheet
65Kb / 12P
InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION
More results


Similar Description - NX8501

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7401P NEC-NDL7401P Datasheet
68Kb / 8P
1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7408P NEC-NDL7408P Datasheet
71Kb / 8P
1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7701P NEC-NDL7701P Datasheet
74Kb / 8P
1 550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DFB DC-PBH LASER DIODE MODULE
NDL7705P NEC-NDL7705P Datasheet
82Kb / 8P
1 500 nm OPTICAL FIBER COMMUNICATIONS InGaAsP MQW-DFB LASER DIODE COAXIAL MODULE
NX7460LE NEC-NX7460LE Datasheet
61Kb / 8P
1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NX7660JC NEC-NX7660JC Datasheet
65Kb / 12P
InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION
logo
California Eastern Labs
NDL7401P CEL-NDL7401P_00 Datasheet
45Kb / 4P
1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
NDL7408P CEL-NDL7408P_00 Datasheet
55Kb / 5P
1310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER
logo
NEC
NDL7514P NEC-NDL7514P_00 Datasheet
28Kb / 2P
1310 nm InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE
NDL7701P NEC-NDL7701P_00 Datasheet
36Kb / 2P
1550 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW-DFB DC-PBH LASER DIODE MODULE
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com