Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48CA0 Datasheet (PDF) - Holtek Semiconductor Inc

HT48CA0 Datasheet PDF - Holtek Semiconductor Inc
Part # HT48CA0
Download  HT48CA0 Download
File Size   699.14 Kbytes
Page   36 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 8-bit Microcontroller

HT48CA0 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT48CA0 Datasheet PDF - Holtek Semiconductor Inc

Part # HT48CA0
Download  HT48CA0 Click to download

File Size   699.14 Kbytes
Page   36 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 8-bit Microcontroller

HT48CA0 Datasheet (HTML) - Holtek Semiconductor Inc


HT48CA0 Product details

General Description
The HT48CA0 is an 8-bit high performance RISC-like microcontroller specifically designed for multiple I/O product applications. The device is particularly suitable for use in products such as remote controllers, fan/light controllers, washing machine controllers, scales, toys and various subsystem controllers. A halt feature is included to reduce power consumption.

Features
• Operating voltage: 2.2V~3.6V
• Ten bidirectional I/O lines
• Six schmitt trigger input lines
• One carrier output (1/2 or 1/3 duty)
• On-chip crystal and RC oscillator
• Watchdog timer
• 1K×14 program ROM
• 32×8 data RAM
• Low voltage reset function
• Halt function and wake-up feature reduce power consumption
• 62 powerful instructions
• Up to 1µs instruction cycle with 4MHz system clock
• All instructions in 1 or 2 machine cycles
• 14-bit table read instructions
• One-level subroutine nesting
• Bit manipulation instructions




Similar Part No. - HT48CA0

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48CA0-1 HOLTEK-HT48CA0-1 Datasheet
225Kb / 33P
Remote Type 8-Bit MCU
December 21, 2005
HT48CA0-2 HOLTEK-HT48CA0-2 Datasheet
238Kb / 32P
Remote Type 8-Bit MCU
July 23, 2004
HT48CA0-3 HOLTEK-HT48CA0-3 Datasheet
250Kb / 34P
Remote Type 8-Bit MCU
October 12, 2007
More results


Similar Description - HT48CA0

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com