Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49C10 Datasheet (PDF) - Holtek Semiconductor Inc

HT49C10 Datasheet PDF - Holtek Semiconductor Inc
Part # HT49C10
Download  HT49C10 Download
File Size   329.37 Kbytes
Page   47 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 8-Bit Microcontroller

HT49C10 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT49C10 Datasheet PDF - Holtek Semiconductor Inc

Part # HT49C10
Download  HT49C10 Click to download

File Size   329.37 Kbytes
Page   47 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 8-Bit Microcontroller

HT49C10 Datasheet (HTML) - Holtek Semiconductor Inc


HT49C10 Product details

General Description
The HT49C10 is an 8-bit high performance single chip microcontroller. Its single-cycle instruction and two-stage pipeline architecture make it suitable for high speed applications. The device is also suited for multiple LCD low power applications among which are calculators, clock timers, games, scales, leisure products, other hand held LCD products, and battery systems in particular.

Features
• Operating voltage: 2.2V~5.2V
• Eight bidirectional I/O lines
• Six input lines
• Two external interrupt input
• 8-bit programmable timer/event counter withPFD(programmablefrequencydivider)
• Watchdog timer
• On-chip crystal and RC oscillator
• 1K14 program memory ROM
• 648 data memory RAM
• Real Time Clock (RTC)
• 8-bit prescaler for RTC
• Buzzer output
• Halt function and wake-up feature reduce power consumption
• LCD driver with 193 or 184 segments
• 4-level subroutine nesting
• Bit manipulation instruction
• 14-bit table read instruction
• Up to 1μs instruction cycle with 4MHz system clock
• 63 powerful instructions
• All instructions in 1 or 2 machine cycles
• 48-pin SSOP package




Similar Part No. - HT49C10

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49C10-1 HOLTEK-HT49C10-1 Datasheet
259Kb / 38P
LCD Type 8-Bit MCU
July 27, 2007
HT49C10-1 HOLTEK-HT49C10-1 Datasheet
239Kb / 37P
LCD Type 8-Bit MCU
June 9, 2009
HT49C10-1 HOLTEK-HT49C10-1_12 Datasheet
258Kb / 38P
LCD Type 8-Bit MCU
More results


Similar Description - HT49C10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com