Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49R50 Datasheet (PDF) - Holtek Semiconductor Inc

HT49R50 Datasheet PDF - Holtek Semiconductor Inc
Part # HT49R50
Download  HT49R50 Download
File Size   339.13 Kbytes
Page   59 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 8-Bit Microcontroller

HT49R50 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT49R50 Datasheet PDF - Holtek Semiconductor Inc

Part # HT49R50
Download  HT49R50 Click to download

File Size   339.13 Kbytes
Page   59 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 8-Bit Microcontroller

HT49R50 Datasheet (HTML) - Holtek Semiconductor Inc


HT49R50 Product details

General Description
The HT49R50 is an 8-bit high performance single chip microcontroller. Its single cycle instruction and two-stage pipeline architecture make it suitable for high speed applications. The device is suited for use in multiple LCD low power applications among which are calculators, clock timers, games, scales, leisure products, other hand held LCD products, and battery system in particular.

Features
• Operating voltage:
    - 2MHz: 3.0V~5.2V
    - 2MHz~4MHz: 4.5V~5.5V
• 8 input lines
• 12 bidirectional I/O lines
• Two external interrupt input
• Two 8-bit programmable timer/event counter with PFD (programmable frequency divider) function
• LCD driver with 33x3 or 32x4 segments
• 4Kx15 program memory EPROM
• 160x8 data memory RAM
• Real Time Clock (RTC)
• 8-bit prescaler for RTC
• Watchdog timer
• Buzzer output
• On-chip crystal and RC oscillator
• Halt function and wake-up feature reduce power consumption
• 6-level subroutine nesting
• Bit manipulation instruction
• 15-bit table read instruction
• Up to 1μs instruction cycle with 4MHz system clock
• 63 powerful instructions
• All instructions in 1 or 2 machine cycles
• 80/100-pin QFP package




Similar Part No. - HT49R50

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49R50A-1 HOLTEK-HT49R50A-1 Datasheet
345Kb / 45P
LCD Type 8-Bit MCU
April 24, 2006
HT49R50A-1 HOLTEK-HT49R50A-1 Datasheet
286Kb / 44P
LCD Type 8-Bit MCU
December 16, 2009
HT49R50A-1 HOLTEK-HT49R50A-1_09 Datasheet
286Kb / 44P
LCD Type 8-Bit MCU
December 16, 2009
HT49R50A-1 HOLTEK-HT49R50A-1_12 Datasheet
302Kb / 44P
LCD Type 8-Bit MCU
More results


Similar Description - HT49R50

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com