Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7580 Datasheet (PDF) - Holtek Semiconductor Inc

HT7580 Datasheet PDF - Holtek Semiconductor Inc
Part # HT7580
Download  HT7580 Download
File Size   100.62 Kbytes
Page   10 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description High Driver Regulator

HT7580 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT7580 Datasheet PDF - Holtek Semiconductor Inc

Part # HT7580
Download  HT7580 Click to download

File Size   100.62 Kbytes
Page   10 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description High Driver Regulator

HT7580 Datasheet (HTML) - Holtek Semiconductor Inc


HT7580 Product details

General Description
The HT75XX series is a set of three-terminal high current low voltage regulator implemented in CMOS technology. They can deliver 100mA output current and allow an input voltage as high as 24V. They are available with several fixed output voltages ranging from 3.0V to 8V. CMOS technology ensures low voltage drop and low quiescent current.

Features
• Low power consumption
• Low voltage drop
• Low temperature coefficient
• High input voltage (up to 24V)
• High output current : 100mA (Pd ≤ 250mW)
• TO-92 and SOT-89 package
 
Applications
• Battery-powered equipment
• Communication equipment
• Audio/Video equipment




Similar Part No. - HT7580

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
HT7580 ZPSEMI-HT7580 Datasheet
351Kb / 9P
High Driver Regulator
logo
ARTSCHIP ELECTRONICS CO...
HT7580 ARTSCHIP-HT7580 Datasheet
201Kb / 7P
High Driver Regulator
logo
Holtek Semiconductor In...
HT7580-1 HOLTEK-HT7580-1 Datasheet
152Kb / 20P
100mA Low Power LDO
HT7580-1 HOLTEK-HT7580-1 Datasheet
1Mb / 20P
100mA Low Power LDO
HT7580-2 HOLTEK-HT7580-2 Datasheet
119Kb / 13P
100mA Low Power LDO
June 1, 2011
More results


Similar Description - HT7580

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT7500 UTC-UT7500 Datasheet
213Kb / 7P
HIGH DRIVER REGULATOR
UT7500 UTC-UT7500_10 Datasheet
213Kb / 7P
HIGH DRIVER REGULATOR
UT7500 UTC-UT7500_12 Datasheet
275Kb / 7P
HIGH DRIVER REGULATOR
logo
ZP Semiconductor
HT7533 ZPSEMI-HT7533 Datasheet
351Kb / 9P
High Driver Regulator
HT7544 ZPSEMI-HT7544 Datasheet
351Kb / 9P
High Driver Regulator
HT7550 ZPSEMI-HT7550 Datasheet
351Kb / 9P
High Driver Regulator
HT7580 ZPSEMI-HT7580 Datasheet
351Kb / 9P
High Driver Regulator
logo
Unisonic Technologies
UT7500 UTC-UT7500_17 Datasheet
239Kb / 7P
HIGH DRIVER REGULATOR
logo
Guangdong Kexin Industr...
KA10O1XX KEXIN-KA10O1XX Datasheet
254Kb / 5P
High Driver Regulator
logo
ARTSCHIP ELECTRONICS CO...
HT75XX ARTSCHIP-HT75XX Datasheet
201Kb / 7P
High Driver Regulator
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com