Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT84XXX Datasheet (PDF) - Holtek Semiconductor Inc

HT84XXX Datasheet PDF - Holtek Semiconductor Inc
Part # HT84XXX
Download  HT84XXX Download
File Size   246.29 Kbytes
Page   31 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Magic VoiceTM

HT84XXX Datasheet (PDF)

Go To PDF Page Download Datasheet
HT84XXX Datasheet PDF - Holtek Semiconductor Inc

Part # HT84XXX
Download  HT84XXX Click to download

File Size   246.29 Kbytes
Page   31 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Magic VoiceTM

HT84XXX Datasheet (HTML) - Holtek Semiconductor Inc


HT84XXX Product details

General Description
The HT84XXX family is a series of programmable speech synthesizers and tone generators designed for user-defined voice and melody applications. It provides various sampling rates and beats, tone levels, tempos for the speech synthesizer and melody generator. The HT84XXX series has two built-in high quality, current type D/A outputs with 16 levels of volume control. The users commands enable the user to program the powerful custom function such as to build-in a tiny controller. The Magic Voice™ provides various operational functions similar to arithmetic operation, logic operation, branch decision, random counter, and a programmable timer. The Magic Voice™ series are suitable for versatile voice and sound effect applications.
The HT84XXX Magic Voice™ is Easy For mat™ supported.

Features
● Operating voltage: 2.4V~5.0V
● Programmable tone melody generator
● ADPCM or μ-law PCM, PCM synthesis
● Wide range of sampling rate for voice synthesis
● Minimum sampling rate step: 100Hz
● Voice melody mixed output
● Programmable 2 channels of melody mixed output
● Programmable 2 channels of voice mixed output
● 13 kinds of melody beats
● 5 octaves of tone level and 18 tempos
● 16 levels of digital volume control
● Two current type D/A outputs
● Eight programmable I/O pins
● Four programmable input pins
● Provides 36 sec to 384 sec of voice capacity
● Timer controller
● Voice fill-in function
● Powerful user-defined functions
● Power-on initial setting
● 28-pin SKDIP package

Applications
● High-end educational leisure products
● Alert and warning systems
● Speech synthesizers and sound effect generators




Similar Part No. - HT84XXX

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HT84 BITECH-HT84 Datasheet
71Kb / 5P
ADSL Coupling Transformers
HT84-00594 BITECH-HT84-00594 Datasheet
71Kb / 5P
ADSL Coupling Transformers
HT84-00595 BITECH-HT84-00595 Datasheet
71Kb / 5P
ADSL Coupling Transformers
HT84-00596 BITECH-HT84-00596 Datasheet
71Kb / 5P
ADSL Coupling Transformers
HT84-00597 BITECH-HT84-00597 Datasheet
71Kb / 5P
ADSL Coupling Transformers
More results


Similar Description - HT84XXX

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT83004 HOLTEK-HT83004 Datasheet
263Kb / 40P
Q-VoiceTM
logo
List of Unclassifed Man...
PLB010003 ETC1-PLB010003 Datasheet
324Kb / 6P
MAGIC LED
PLB010050 ETC1-PLB010050 Datasheet
275Kb / 5P
MAGIC LED
PLB010330 ETC1-PLB010330 Datasheet
385Kb / 5P
MAGIC LED
PLB113020 ETC1-PLB113020 Datasheet
420Kb / 6P
MAGIC LED
PLB114050 ETC1-PLB114050 Datasheet
646Kb / 11P
MAGIC LED
PLB138003 ETC1-PLB138003 Datasheet
634Kb / 11P
MAGIC LED
PLW11A090 ETC1-PLW11A090 Datasheet
520Kb / 11P
MAGIC LED
PLW111020 ETC1-PLW111020 Datasheet
789Kb / 13P
MAGIC LED
PLW138003 ETC1-PLW138003 Datasheet
711Kb / 11P
MAGIC LED
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com