Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG2150 Datasheet (PDF) - Holtek Semiconductor Inc

HTG2150 Datasheet PDF - Holtek Semiconductor Inc
Part # HTG2150
Download  HTG2150 Download
File Size   316.53 Kbytes
Page   49 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 8-Bit 320 Pixel LCD Microcontroller

HTG2150 Datasheet (PDF)

Go To PDF Page Download Datasheet
HTG2150 Datasheet PDF - Holtek Semiconductor Inc

Part # HTG2150
Download  HTG2150 Click to download

File Size   316.53 Kbytes
Page   49 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 8-Bit 320 Pixel LCD Microcontroller

HTG2150 Datasheet (HTML) - Holtek Semiconductor Inc


HTG2150 Product details

General Description
The HTG2150 is an 8-bit high performance RISC-like microcontroller. The single cycle instruction and two-stage pipeline architecture make it suitable for high speed application. The device is ideally suited for multiple LCD low power application among which are calculators, clock timer, game, scales, toys and hand held LCD products, as well as for battery systems.

Features
• Operating voltage: 2.4V~3.6V
• 16Kx16 bits program ROM
• 192x8 bits data RAM
• 8~12 bidirectional I/O lines
• 8 commonx33~40 segment LCD driver
• One 16-bit programmable timer with overflow interrupts
• One 8-bit programmable timer with 8 stage prescaler for PFD
• One 8-bit programmable timer with 8 stage prescaler for Time base
• One 8-bit PWM audio output to directly drive speaker and buzzer
• Watchdog Timer
• On-chip RC oscillator for system clock and 32768Hz crystal oscillator for timebase and LCD driver
• HALT function and wake-up feature reduce power consumption
• 8-level subroutine nesting
• Bit manipulation instructions
• 63 powerful instructions
• One interrupt input
• 100-pin QFP package




Similar Part No. - HTG2150

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HTG2150 HOLTEK-HTG2150 Datasheet
318Kb / 38P
8-Bit 320 Pixel Dot Matrix LCD MCU Series
May 21, 2002
HTG2150 HOLTEK-HTG2150_02 Datasheet
318Kb / 38P
8-Bit 320 Pixel Dot Matrix LCD MCU Series
May 21, 2002
More results


Similar Description - HTG2150

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C9XX MICROCHIP-PIC16C9XX Datasheet
1Mb / 189P
8-Bit CMOS Microcontroller with LCD Driver
1997
logo
Holtek Semiconductor In...
HTG2190 HOLTEK-HTG2190 Datasheet
417Kb / 64P
8-Bit 1024 Pixel LCD Microcontroller
June 29, 2001
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
Holtek Semiconductor In...
HTG2150 HOLTEK-HTG2150_02 Datasheet
318Kb / 38P
8-Bit 320 Pixel Dot Matrix LCD MCU Series
May 21, 2002
HTG2190 HOLTEK-HTG2190_02 Datasheet
395Kb / 50P
8-Bit 1024 Pixel Dot Matrix LCD MCU Series
July 5, 2002
logo
Megawin Technology Co.,...
MLC610A MEGAWIN-MLC610A Datasheet
25Kb / 2P
8-bit micro-controller with 320 dots LCD driver
logo
Finechips
MC96F6432 FINECHIPS-MC96F6432 Datasheet
86Kb / 1P
8-bit Microcontroller with LCD Driver
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
8-bit Microcontroller with LCD Driver
MC96F7816 FINECHIPS-MC96F7816 Datasheet
86Kb / 1P
8-bit Microcontroller with LCD Driver
MC96P6608 FINECHIPS-MC96P6608 Datasheet
84Kb / 1P
8-bit Microcontroller with LCD Driver
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com