Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2532-1 Datasheet (PDF) - NEC

PS2532-1 Datasheet PDF - NEC
Part # PS2532-1
Download  PS2532-1 Download
File Size   173.79 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES

PS2532-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2532-1 Datasheet PDF - NEC

Part # PS2532-1
Download  PS2532-1 Click to download

File Size   173.79 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES

PS2532-1 Datasheet (HTML) - NEC


PS2532-1 Product details

DESCRIPTION
The PS2532-1, -2, -4 and PS2532L-1, -2, -4 are optically coupled isolators containing a GaAs light emitting diode and an NPN silicon darlington connected phototransistor.
The PS2532-1, -2, -4 are in a plastic DIP (Dual In-line Package) and the PS2532L-1, -2, -4 are lead bending type (Gull-wing) for surface mount.

FEATURES
• High collector to emitter voltage (VCEO = 300 V)
• High Isolation voltage (BV = 5 000 Vr.m.s.)
• High current transfer ratio (CTR = 4 000 % TYP.)
• High-speed switching (tr, tf = 100 µs TYP.)
• Ordering number of tape product: PS2532L-1-E3, E4, F3, F4, PS2532L-2-E3, E4
• Safety standards
   • UL approved: File No. E72422 (S)
   • BSI approved: No. 8221/8222
   • CSA approved: No. CA 101391
   • NEMKO approved: No. P98101708
   • SEMKO approved: No. 9824187/01-02
   • DEMKO approved: No. 307863
   • FIMKO approved: No. F1 11397
   • VDE0884 approved (Option)

APPLICATIONS
• Telephone, Exchange equipment
• FAX/MODEM




Similar Part No. - PS2532-1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2532-1 CEL-PS2532-1 Datasheet
539Kb / 18P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2532-1 RENESAS-PS2532-1 Datasheet
300Kb / 19P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
April 1st, 2010
logo
California Eastern Labs
PS2532-1-A CEL-PS2532-1-A Datasheet
539Kb / 18P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2532-1-V CEL-PS2532-1-V Datasheet
539Kb / 18P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2532-1-V-A CEL-PS2532-1-V-A Datasheet
539Kb / 18P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
More results


Similar Description - PS2532-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2533-1 NEC-PS2533-1 Datasheet
173Kb / 16P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2534-1 NEC-PS2534-1 Datasheet
162Kb / 16P
HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2533-1 CEL-PS2533-1_03 Datasheet
538Kb / 18P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2532-1 CEL-PS2532-1_03 Datasheet
539Kb / 18P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2533-1 RENESAS-PS2533-1 Datasheet
257Kb / 16P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2535-1 RENESAS-PS2535-1 Datasheet
250Kb / 15P
HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2535-1 CEL-PS2535-1 Datasheet
365Kb / 12P
HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2533-1 RENESAS-PS2533-1_15 Datasheet
249Kb / 16P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2532-1 RENESAS-PS2532-1 Datasheet
300Kb / 19P
HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
April 1st, 2010
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com