Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N45 Datasheet (PDF) - Agilent(Hewlett-Packard)

4N45 Datasheet PDF - Agilent(Hewlett-Packard)
Part # 4N45
Download  4N45 Download
File Size   227.18 Kbytes
Page   7 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High Gain Darlington Output Optocouplers

4N45 Datasheet (PDF)

Go To PDF Page Download Datasheet
4N45 Datasheet PDF - Agilent(Hewlett-Packard)

Part # 4N45
Download  4N45 Click to download

File Size   227.18 Kbytes
Page   7 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High Gain Darlington Output Optocouplers

4N45 Datasheet (HTML) - Agilent(Hewlett-Packard)


4N45 Product details

Description

The 4N45/46 optocouplers contain a GaAsP light emitting diode optically coupled to a high gain photodetector IC.



Features

• High Current Transfer Ratio–1500% Typical

• Low Input Current Requirement–0.5 mA

• Performance Guaranteed over 0°C to 70°C Temperature Range

• Internal Base-Emitter Resistor Minimizes Output Leakage

• Gain-Bandwidth Adjustment Pin

• Safety Approval UL Recognized -2500 V rms for 1 Minute CSA Approved



Applications

• Telephone Ring Detector

• Digital Logic Ground Isolation

• Low Input Current Line Receiver

• Line Voltage Status Indicator–Low Input Power Dissipation

• Logic to Reed Relay Interface

• Level Shifting

• Interface Between Logic Families




Similar Part No. - 4N45

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
4N45 ISC-4N45 Datasheet
65Kb / 2P
Fast Switching Speed
logo
AVAGO TECHNOLOGIES LIMI...
4N45 AVAGO-4N45 Datasheet
477Kb / 11P
Gain-bandwidth adjustment pin
logo
Inchange Semiconductor ...
4N45-220 ISC-4N45-220 Datasheet
165Kb / 2P
isc N-Channel MOSFET Transistor
4N45-TO-3 ISC-4N45-TO-3 Datasheet
160Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 4N45

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
Low Input Current High Gain Split Darlington Optocouplers
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
Low Input Current High Gain Split Darlington Optocouplers
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
Low Input Current High Gain Split Darlington Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
4N46-000E AVAGO-4N46-000E Datasheet
487Kb / 11P
High Gain Darlington Output Optocouplers
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
Low Input Current High Gain Split Darlington Optocouplers
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com