Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N139 Datasheet (PDF) - Agilent(Hewlett-Packard)

6N139 Datasheet PDF - Agilent(Hewlett-Packard)
Part # 6N139
Download  6N139 Download
File Size   259.01 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Input Current, High Gain Optocouplers

6N139 Datasheet (PDF)

Go To PDF Page Download Datasheet
6N139 Datasheet PDF - Agilent(Hewlett-Packard)

Part # 6N139
Download  6N139 Click to download

File Size   259.01 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Input Current, High Gain Optocouplers

6N139 Datasheet (HTML) - Agilent(Hewlett-Packard)


6N139 Product details

Description
These high gain series couplers use a Light Emitting Diode and an integrated high gain photodetector to provide extremely high current transfer ratio between input and output. Separate pins for the photodiode and output stage result in TTL compatible saturation voltages and high speed operation. Where desired the VCC and VO terminals may be tied together to achieve conventional photodarlington operation.A base access terminal allows a gain bandwidth adjustment to be made.

Features
• High Current Transfer Ratio
  – 2000% Typical (4500%
Typical for HCNW139/138)
• Low Input Current Requirements – 0.5 mA
• TTL Compatible Output – 0.1 V VOL Typical
• Performance Guaranteed over Temperature 0°C to 70°C
• Base Access Allows Gain Bandwidth Adjustment
• High Output Current –60 mA

Applications
• Ground Isolate Most Logic Families – TTL/TTL, CMOS/ TTL, CMOS/CMOS, LSTTL/ TTL, CMOS/LSTTL
• Low Input Current Line Receiver
• High Voltage Insulation (HCNW139/138)
• EIA RS-232C Line Receiver
• Telephone Ring Detector
• 117 V ac Line Voltage Status Indicator – Low Input Power Dissipation
• Low Power Systems – Ground Isolation




Similar Part No. - 6N139

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N139 TOSHIBA-6N139 Datasheet
260Kb / 5P
IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)
logo
QT Optoelectronics
6N139 QT-6N139 Datasheet
236Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Sharp Corporation
6N139 SHARP-6N139 Datasheet
68Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
logo
Siemens Semiconductor G...
6N139 SIEMENS-6N139 Datasheet
32Kb / 2P
LOW INPUT CURRENT, HIGH GAIN OPTOCOUPLER
logo
Fairchild Semiconductor
6N139 FAIRCHILD-6N139 Datasheet
249Kb / 13P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Similar Description - 6N139

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-2730 HP-HCPL-2730 Datasheet
240Kb / 12P
Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
Low Input Current High Gain Split Darlington Optocouplers
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
Low Input Current High Gain Split Darlington Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
Low Input Current, High Gain Optocouplers
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
Low Input Current, High Gain Optocouplers
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
Low Input Current, High Gain Optocouplers
HCPL-2730-000E AVAGO-HCPL-2730-000E Datasheet
365Kb / 13P
Dual Channel Low Input Current, High Gain Optocouplers
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com