Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCNW4502 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCNW4502 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCNW4502
Download  HCNW4502 Download
File Size   149.55 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Single Channel, High Speed Optocouplers

HCNW4502 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCNW4502 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCNW4502
Download  HCNW4502 Click to download

File Size   149.55 Kbytes
Page   16 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Single Channel, High Speed Optocouplers

HCNW4502 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCNW4502 Product details

Description
These diode-transistor optocouplers use an insulating layer between a LED and an integrated photodetector to provide electrical insulation between input and output. Separate connections for the photodiode bias and output-transistor collector increase the speed up to a hundred times that of a conventional phototransistor coupler by reducing the base-collector capacitance.

Features
• 15 kV/µs Minimum Common Mode Transient Immunity at VCM = 1500 V (4503/0453)
• High Speed: 1 Mb/s
• TTL Compatible
• Available in 8-Pin DIP, SO-8, Widebody Packages
• Open Collector Output
• Guaranteed Performance from Temperature: 0°C to 70°C
• Safety Approval
    UL Recognized – 3750 V rms for 1 minute (5000 V rms for 1 minute for HCNW and Option 020 devices) per UL1577
    CSA Approved
    IEC/EN/DIN EN 60747-5-2
    Approved
        –VIORM = 630 V peak for HCPL-4503#060
        –VIORM = 1414 V peak for HCNW devices
• Dual Channel Version Available (253X/4534/053X/0534)
• MIL-PRF-38534 Hermetic Version Available (55XX/65XX/4N55)

Applications
• High Voltage Insulation
• Video Signal Isolation
• Power Transistor Isolation in Motor Drives
• Line Receivers
• Feedback Element in Switched Mode Power Supplies
• High Speed Logic Ground Isolation – TTL/TTL, TTL/ CMOS, TTL/LSTTL
• Replaces Pulse Transformers
• Replaces Slow Phototransistor Isolators
• Analog Signal Ground Isolation




Similar Part No. - HCNW4502

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
Single Channel, High Speed Optocouplers TTL compatible
HCNW4502 AVAGO-HCNW4502 Datasheet
179Kb / 14P
Dual Channel, High Speed Optocouplers High density packaging
HCNW4502-000E AVAGO-HCNW4502-000E Datasheet
351Kb / 16P
Single Channel, High Speed Optocouplers
HCNW4502-300E AVAGO-HCNW4502-300E Datasheet
351Kb / 16P
Single Channel, High Speed Optocouplers
HCNW4502-500E AVAGO-HCNW4502-500E Datasheet
351Kb / 16P
Single Channel, High Speed Optocouplers
More results


Similar Description - HCNW4502

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
Single Channel, High Speed Optocouplers TTL compatible
HCNW4502 AVAGO-HCNW4502 Datasheet
341Kb / 16P
Single Channel, High Speed Optocouplers TTL compatible
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
Single Channel, High Speed Optocouplers
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
Dual Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
Single Channel, High Speed Optocouplers
HCNW136-300E AVAGO-HCNW136-300E Datasheet
444Kb / 16P
Single Channel, High Speed Optocouplers
6N136-020E AVAGO-6N136-020E Datasheet
479Kb / 16P
Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
Single Channel, High Speed Optocouplers
logo
Guangdong Youtai Semico...
6N135 UMW-6N135 Datasheet
793Kb / 7P
Single Channel,High Speed 1MBit/s Transistor Optocouplers
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com