Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-41470 Datasheet (PDF) - Agilent(Hewlett-Packard)

AT-41470 Datasheet PDF - Agilent(Hewlett-Packard)
Part # AT-41470
Download  AT-41470 Download
File Size   55.36 Kbytes
Page   5 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Up to 6 GHz Low Noise Silicon Bipolar Transistor

AT-41470 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-41470 Datasheet PDF - Agilent(Hewlett-Packard)

Part # AT-41470
Download  AT-41470 Click to download

File Size   55.36 Kbytes
Page   5 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Up to 6 GHz Low Noise Silicon Bipolar Transistor

AT-41470 Datasheet (HTML) - Agilent(Hewlett-Packard)


AT-41470 Product details

Description
Hewlett-Packard’s AT-41410 is a general purpose NPN bipolar transistor that offers excellent high frequency performance. The AT-41410 is housed in a hermetic, high reliability 100 mil ceramic package. The 4 micron emitter-toemitter pitch enables this transistor to be used in many different functions. The 14 emitter finger interdigitated geometry yields an intermediate sized transistor with impedances that are easy to match for low noise and moderate power applications.

Features
• Low Noise Figure: 1.6 dB Typical at 2.0 GHz 3.0 dB Typical at 4.0 GHz
• High Associated Gain: 14.0 dB Typical at 2.0 GHz 10.0 dB Typical at 4.0 GHz
• High Gain-Bandwidth Product: 8.0 GHz Typical fT
• Hermetic, Gold-ceramic Microstrip Package




Similar Part No. - AT-41470

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41400 HP-AT-41400 Datasheet
57Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor Chip
AT-41400-GP4 HP-AT-41400-GP4 Datasheet
57Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor Chip
AT-41410 HP-AT-41410 Datasheet
55Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41411 HP-AT-41411 Datasheet
51Kb / 5P
Surface Mount Low Noise Silicon Bipolar Transistor Chip
AT-41411-BLK HP-AT-41411-BLK Datasheet
51Kb / 5P
Surface Mount Low Noise Silicon Bipolar Transistor Chip
More results


Similar Description - AT-41470

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41410 HP-AT-41410 Datasheet
55Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41435 HP-AT-41435 Datasheet
56Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41485 HP-AT-41485 Datasheet
54Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41486 HP-AT-41486 Datasheet
59Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT41485 HP-AT41485 Datasheet
44Kb / 6P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-41535 AVAGO-AT-41535 Datasheet
136Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41435G AVAGO-AT-41435G Datasheet
153Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT-41486 AVAGO-AT-41486 Datasheet
104Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
logo
Teledyne Technologies I...
PHT41410B TELEDYNE-PHT41410B Datasheet
142Kb / 2P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
PHT41435B TELEDYNE-PHT41435B Datasheet
108Kb / 2P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com