Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-42010 Datasheet (PDF) - Agilent(Hewlett-Packard)

AT-42010 Datasheet PDF - Agilent(Hewlett-Packard)
Part # AT-42010
Download  AT-42010 Download
File Size   52.89 Kbytes
Page   5 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Up to 6 GHz Medium Power Silicon Bipolar Transistor

AT-42010 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-42010 Datasheet PDF - Agilent(Hewlett-Packard)

Part # AT-42010
Download  AT-42010 Click to download

File Size   52.89 Kbytes
Page   5 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Up to 6 GHz Medium Power Silicon Bipolar Transistor

AT-42010 Datasheet (HTML) - Agilent(Hewlett-Packard)


AT-42010 Product details

Description

Hewlett-Packard’s AT-42010 is a general purpose NPN bipolar transistor that offers excellent high frequency performance. The AT-42010 is housed in a hermetic, high reliability 100 mil ceramic package. The 4 micron emitter-to emitter pitch enables this transistor to be used in many different functions. The 20 emitter finger interdigitated geometry yields a medium sized transistor with impedances that are easy to match for low noise and medium power applications. This device is designed for use in low noise, wideband amplifier, mixer and oscillator applications in the VHF, UHF, and microwave frequencies. An optimum noise match near 50 Ω up to 1 GHz , makes this device easy to use as a low noise amplifier.

The AT-42010 bipolar transistor is fabricated using Hewlett-Packard’s 10 GHz fT Self-Aligned-Transistor (SAT) process. The die is nitride passivated for surface protection. Excellent device uniformity, performance and reliability are produced by the use of ion implantation, self-alignment techniques, and gold metalization in the fabrication of this device.



Features

• High Output Power:

   12.0 dBm Typical P1 dB at 2.0 GHz

   20.5 dBm Typical P1 dBat 4.0 GHz

• High Gain at 1 dB Compression:

   14.0 dB Typical G1 dBat 2.0 GHz

   9.5 dB Typical G1 dBat 4.0 GHz

• Low Noise Figure:

   1.9 dB Typical NFOat 2.0 GHz

• High Gain-Bandwidth Product: 8.0 GHz Typical fT

• Hermetic Gold-ceramic Microstrip Package



 




Similar Part No. - AT-42010

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AT-42010 AVAGO-AT-42010 Datasheet
155Kb / 5P
Up to 6 GHz Medium Power Silicon Bipolar Transistor
More results


Similar Description - AT-42010

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-42035 HP-AT-42035 Datasheet
53Kb / 5P
Up to 6 GHz Medium Power Silicon Bipolar Transistor
AT-42070 HP-AT-42070 Datasheet
52Kb / 5P
Up to 6 GHz Medium Power Silicon Bipolar Transistor
AT-42086 HP-AT-42086 Datasheet
55Kb / 5P
Up to 6 GHz Medium Power Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-42035 AVAGO-AT-42035 Datasheet
144Kb / 5P
Up to 6 GHz Medium Power Silicon Bipolar Transistor
AT-42070 AVAGO-AT-42070 Datasheet
150Kb / 5P
Up to 6 GHz Medium Power Silicon Bipolar Transistor
AT-42085 AVAGO-AT-42085 Datasheet
169Kb / 5P
Up to 6 GHz Medium Power Silicon Bipolar Transistor
AT-42086 AVAGO-AT-42086 Datasheet
67Kb / 5P
Up to 6 GHz Medium Power Silicon Bipolar Transistor
AT-42010 AVAGO-AT-42010 Datasheet
155Kb / 5P
Up to 6 GHz Medium Power Silicon Bipolar Transistor
AT-42000 AVAGO-AT-42000 Datasheet
183Kb / 5P
Up to 6 GHz Medium Power Silicon Bipolar Transistor Chip
AT-42036 AVAGO-AT-42036 Datasheet
210Kb / 5P
Up to 6 GHz Medium Power Silicon Bipolar Transistor
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com