Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEM10050C Datasheet (PDF) - TOKO, Inc

DEM10050C Datasheet PDF - TOKO, Inc
Part # DEM10050C
Download  DEM10050C Download
File Size   107.75 Kbytes
Page   1 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description 10.3 x 10.3mm Max. square, 5.0mm Max. height.

DEM10050C Datasheet (PDF)

Go To PDF Page Download Datasheet
DEM10050C Datasheet PDF - TOKO, Inc

Part # DEM10050C
Download  DEM10050C Click to download

File Size   107.75 Kbytes
Page   1 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description 10.3 x 10.3mm Max. square, 5.0mm Max. height.

DEM10050C Datasheet (HTML) - TOKO, Inc




Similar Part No. - DEM10050C

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DEM10050C TOKO-DEM10050C_16 Datasheet
229Kb / 1P
Ferrite Inductors
More results


Similar Description - DEM10050C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LN142WP38 ETC-LN142WP38 Datasheet
53Kb / 2P
Square Type 5.0mm X 2.0mm Series
logo
Sumida Corporation
CAS19D17C SUMIDA-CAS19D17C Datasheet
31Kb / 1P
19.0횞5.3mm Max.(L횞W),1.9mm Max. Height
BM8290 SUMIDA-BM8290 Datasheet
208Kb / 1P
9.25횞8.05mm Max.(L횞W),8.85mm Max. Height.
CDH20D10 SUMIDA-CDH20D10_10 Datasheet
434Kb / 4P
Small size inductor 2.2mm Max square and 1.1mm Max height
logo
Shenzhen Luguang Electr...
FT-12N-65ME LUGUANG-FT-12N-65ME Datasheet
181Kb / 1P
30Vp-p Square Wave MAX.
FT-12T-66ME LUGUANG-FT-12T-66ME Datasheet
155Kb / 1P
30Vp-p Square Wave MAX.
GSK-2320TE-LZ105 LUGUANG-GSK-2320TE-LZ105 Datasheet
96Kb / 1P
30Vp-p max. square Wave
logo
TOKO, Inc
DEM3512C TOKO-DEM3512C Datasheet
110Kb / 2P
Low profile (3.5 x 3.7mm square, 1.2 and 1.8mm Max. height).
DEM8030C TOKO-DEM8030C Datasheet
124Kb / 2P
8.3 x 8.3mm Max. square, 3.0, 4.0, and 4.5mm Max. height.
DG6050C TOKO-DG6050C Datasheet
87Kb / 1P
Low Profile (H 5.0mm Max).
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com