Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF-36077 Datasheet (PDF) - Agilent(Hewlett-Packard)

ATF-36077 Datasheet PDF - Agilent(Hewlett-Packard)
Part # ATF-36077
Download  ATF-36077 Download
File Size   47.07 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 2-18 GHz Ultra Low Noise Pseudomorphic HEMT

ATF-36077 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF-36077 Datasheet PDF - Agilent(Hewlett-Packard)

Part # ATF-36077
Download  ATF-36077 Click to download

File Size   47.07 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 2-18 GHz Ultra Low Noise Pseudomorphic HEMT

ATF-36077 Datasheet (HTML) - Agilent(Hewlett-Packard)


ATF-36077 Product details

Description

Hewlett-Packard’s ATF-36077 is an ultra-low-noise Pseudomorphic High Electron Mobility Transistor (PHEMT), packaged in a low parasitic, surface-mountable ceramic package. Properly matched, this  transistor will provide typical 12 GHz noise figures of 0.5 dB, or typical 4 GHz noise figures of 0.3 dB. Addition ally, the ATF-36077 has very low noise resistance, reducing the sensitivity of noise performance

to variations in input impedance match, making the design of broadband low noise amplifiers much easier.



Features

• PHEMT Technology

• Ultra-Low Noise Figure:

  0.5 dB Typical at 12 GHz

  0.3 dB Typical at 4 GHz

• High Associated Gain:

  12 dB Typical at 12 GHz

  17 dB Typical at 4 GHz

• Low Parasitic Ceramic Microstrip Package

• Tape-and-Reel Packing Option Available



Applications

• 12 GHz DBS LNB (Low Noise Block)

• 4 GHz TVRO LNB (Low Noise Block)

• Ultra-Sensitive Low Noise Amplifiers

 



 




Similar Part No. - ATF-36077

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-36077 AVAGO-ATF-36077 Datasheet
125Kb / 4P
2??8 GHz Ultra Low Noise Pseudomorphic HEMT
ATF-36077-STR AVAGO-ATF-36077-STR Datasheet
125Kb / 4P
2??8 GHz Ultra Low Noise Pseudomorphic HEMT
ATF-36077-TR1 AVAGO-ATF-36077-TR1 Datasheet
125Kb / 4P
2??8 GHz Ultra Low Noise Pseudomorphic HEMT
ATF-36077-TRl AVAGO-ATF-36077-TRl Datasheet
125Kb / 4P
2??8 GHz Ultra Low Noise Pseudomorphic HEMT
More results


Similar Description - ATF-36077

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-36163 HP-ATF-36163 Datasheet
96Kb / 10P
1.5-18 GHz Surface Mount Pseudomorphic HEMT
ATF35076 HP-ATF35076 Datasheet
1Mb / 3P
2-18 GHz Low Noise Pseudomorphic HEMT
logo
AVAGO TECHNOLOGIES LIMI...
ATF-36163 AVAGO-ATF-36163 Datasheet
177Kb / 10P
1.5-18 GHz Surface Mount Pseudomorphic HEMT
ATF-36077-TR1 AVAGO-ATF-36077-TR1 Datasheet
125Kb / 4P
2??8 GHz Ultra Low Noise Pseudomorphic HEMT
ATF-541M4 AVAGO-ATF-541M4 Datasheet
226Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-36077 AVAGO-ATF-36077 Datasheet
125Kb / 4P
2??8 GHz Ultra Low Noise Pseudomorphic HEMT
logo
Broadcom Corporation.
ATF-541M4 BOARDCOM-ATF-541M4 Datasheet
226Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-38143 BOARDCOM-ATF-38143 Datasheet
377Kb / 12P
Low Noise Pseudomorphic HEMT
ATF-54143 BOARDCOM-ATF-54143 Datasheet
142Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-58143 BOARDCOM-ATF-58143 Datasheet
126Kb / 9P
Low Noise Enhancement Mode Pseudomorphic HEMT
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com