Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2571-1 Datasheet (PDF) - NEC

PS2571-1 Datasheet PDF - NEC
Part # PS2571-1
Download  PS2571-1 Download
File Size   129.57 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description HIGH ISOLATION VOLTAGE SAFETY STANDARD TYPE MULTI PHOTOCOUPLER SERIES

PS2571-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2571-1 Datasheet PDF - NEC

Part # PS2571-1
Download  PS2571-1 Click to download

File Size   129.57 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description HIGH ISOLATION VOLTAGE SAFETY STANDARD TYPE MULTI PHOTOCOUPLER SERIES

PS2571-1 Datasheet (HTML) - NEC


PS2571-1 Product details

DESCRIPTION
The PS2571-1, -4 and PS2571L-1, -4 are optically coupled isolators containing GaAs light emitting diodes and NPN silicon phototransistors.
The PS2571-1, -4 are in a plastic DIP (Dual In-line Package) and the PS2571L-1, -4 are lead bending type (Gullwing) for surface mount.

FEATURES
• High isolation voltage (BV = 5 000 Vr.m.s.)
• High current transfer ratio (CTR = 200 % TYP.)
• High-speed switching (tr = 3 µs TYP., tf = 5 µs TYP.)
• Ordering number of taping product : PS2571L-1-E3, E4, F3, F4
• UL approved: File No. E72422 (S)
• BSI approved: No. 8343/8344
• CSA approved: No. CA 101391
• NEMKO approved: No. P98102650
• DEMKO approved: No. 308152
• SEMKO approved: No. 9832161/01
• FIMKO approved: No. F1 11899
• VDE0884 approved (Option)

APPLICATIONS
• Power supply
• Telephone, FAX
• FA/OA equipment
• Programmable logic controller




Similar Part No. - PS2571-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2571-1 RENESAS-PS2571-1 Datasheet
285Kb / 18P
HIGH ISOLATION VOLTAGE SAFETY STANDARD TYPE MULTI PHOTOCOUPLER SERIES
PS2571-1-V RENESAS-PS2571-1-V Datasheet
285Kb / 18P
HIGH ISOLATION VOLTAGE SAFETY STANDARD TYPE MULTI PHOTOCOUPLER SERIES
PS2571-1 RENESAS-PS2571-1_15 Datasheet
285Kb / 18P
HIGH ISOLATION VOLTAGE SAFETY STANDARD TYPE MULTI PHOTOCOUPLER SERIES
More results


Similar Description - PS2571-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2511-1 NEC-PS2511-1 Datasheet
130Kb / 12P
HIGH ISOLATION VOLTAGE STANDARD MULTI PHOTOCOUPLER SERIES SINGLE TRANSISTOR TYPE
logo
Renesas Technology Corp
PS2501-1 RENESAS-PS2501-1 Datasheet
258Kb / 15P
HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2561L-1 CEL-PS2561L-1 Datasheet
496Kb / 21P
HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2501-1 CEL-PS2501-1_13 Datasheet
243Kb / 13P
HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2561A-1 CEL-PS2561A-1_13 Datasheet
950Kb / 15P
HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2502-1 CEL-PS2502-1 Datasheet
215Kb / 13P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2561-1 RENESAS-PS2561-1_15 Datasheet
311Kb / 21P
HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2562-1 RENESAS-PS2562-1_15 Datasheet
274Kb / 18P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
PS2571-1 RENESAS-PS2571-1_15 Datasheet
285Kb / 18P
HIGH ISOLATION VOLTAGE SAFETY STANDARD TYPE MULTI PHOTOCOUPLER SERIES
PS2502-1 RENESAS-PS2502-1_15 Datasheet
261Kb / 15P
HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com