Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBCR-2210 Datasheet (PDF) - Agilent(Hewlett-Packard)

HBCR-2210 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HBCR-2210
Download  HBCR-2210 Download
File Size   153.55 Kbytes
Page   15 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Programmable Bar Code Decode ICs

HBCR-2210 Datasheet (PDF)

Go To PDF Page Download Datasheet
HBCR-2210 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HBCR-2210
Download  HBCR-2210 Click to download

File Size   153.55 Kbytes
Page   15 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Programmable Bar Code Decode ICs

HBCR-2210 Datasheet (HTML) - Agilent(Hewlett-Packard)


HBCR-2210 Product details

Description
Hewlett-Packard’s Bar Code Decoder ICs offer flexible bar code decoding capability that is designed to give OEMs the ability to address a growing number of industry segments and applications. Flexibility is made possible through sophisticated firmware which allows the ICs to accept data from a wide variety of scanners and to automatically recognize and decode the most popular bar code symbologies. User implementation of the decoder ICs is easy since it requires only a few supporting components and provides a standard I/O interface.

Features
• Ideal for Hand Scanning and Non-contact Laser Scanning Applications
• Supports 7 Industry Standard Bar Code Symbologies
• Automatic Code Recognition
• Choice of Parallel or Serial Interface
• Full Duplex ASCII Interface
• Extensive Configuration Control
• Optical and Escape Sequence Configuration
• Input and Output Buffering
• Low Current (18 mA) CMOS Technology
• 40 Pin DIP and 44 Pin PLCC Packages
• Audio and Visual Feedback Control
• EEPROM Support for Nonvolatile Configuration
• Single +5 Volt Supply




Similar Part No. - HBCR-2210

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCR-1610 HP-HBCR-1610 Datasheet
196Kb / 10P
Single Chip Bar Code Decode IC
HBCR-1611 HP-HBCR-1611 Datasheet
196Kb / 10P
Single Chip Bar Code Decode IC
HBCR-1612 HP-HBCR-1612 Datasheet
196Kb / 10P
Single Chip Bar Code Decode IC
HBCR-1697 HP-HBCR-1697 Datasheet
196Kb / 10P
Single Chip Bar Code Decode IC
More results


Similar Description - HBCR-2210

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCR-1610 HP-HBCR-1610 Datasheet
196Kb / 10P
Single Chip Bar Code Decode IC
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
BAR CODE SCANNERS
2017-03-21
CLV631-2120 SICK-CLV631-2120 Datasheet
687Kb / 7P
BAR CODE SCANNERS
2017-03-21
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
BAR CODE SCANNERS
2017-03-21
CLV631-0120 SICK-CLV631-0120 Datasheet
658Kb / 7P
BAR CODE SCANNERS
2017-03-21
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
BAR CODE SCANNERS
CLV650-0000 SICK-CLV650-0000 Datasheet
1Mb / 7P
BAR CODE SCANNERS
CLV632-6000 SICK-CLV632-6000 Datasheet
497Kb / 7P
BAR CODE SCANNERS
CLV632-3000 SICK-CLV632-3000 Datasheet
470Kb / 7P
BAR CODE SCANNERS
CLV632-0120 SICK-CLV632-0120 Datasheet
658Kb / 7P
BAR CODE SCANNERS
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com