Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBCS-A000 Datasheet (PDF) - Agilent(Hewlett-Packard)

HBCS-A000 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HBCS-A000
Download  HBCS-A000 Download
File Size   178.25 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Current Digital Bar Code Wand

HBCS-A000 Datasheet (PDF)

Go To PDF Page Download Datasheet
HBCS-A000 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HBCS-A000
Download  HBCS-A000 Click to download

File Size   178.25 Kbytes
Page   4 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Current Digital Bar Code Wand

HBCS-A000 Datasheet (HTML) - Agilent(Hewlett-Packard)


HBCS-A000 Product details

Description
The HBCS-A000 series low current digital wands are hand held scanners optimized to provide excellent scanning of all common bar code formats. The patented low current, high ambient light rejection circuitry is packaged in a rugged polycarbonate case.

Features
• Rugged Polycarbonate Case, Switched or Unswitched
• Ultra Low Continuous Current Draw
• Available in 3 Resolutions to Meet a Variety of Scanning Needs
• High Ambient Light Rejection–Operates in Direct Sunlight
• Visible Red (655 nm) and Infrared (820 nm) Versions Available
• Scan Angle: 0° to 45° Typical
• Manufacturing: ISO 9002 Certified

Applications
    The HBCS-A000 series wands are highly effective alternatives to keyboard data entry. These devices are especially designed for battery powered applications where low power drain is a primary concern. In addition to their low current draw, these wands are also designed to work in high ambient light, such as outdoors or near windows.




Similar Part No. - HBCS-A000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCS-A995 HP-HBCS-A995 Datasheet
197Kb / 3P
Bar Code Reader Tips and Optical Nest Assembly
HBCS-A998 HP-HBCS-A998 Datasheet
197Kb / 3P
Bar Code Reader Tips and Optical Nest Assembly
HBCS-A999 HP-HBCS-A999 Datasheet
197Kb / 3P
Bar Code Reader Tips and Optical Nest Assembly
More results


Similar Description - HBCS-A000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCC-0500 HP-HBCC-0500 Datasheet
153Kb / 4P
Low Current Bar Code Digitizer IC
HBCS-7100 HP-HBCS-7100 Datasheet
156Kb / 6P
Industrial Digital Bar Code Slot Reader
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
BAR CODE SCANNERS
CLV631-2120 SICK-CLV631-2120 Datasheet
687Kb / 7P
BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
BAR CODE SCANNERS
CLV631-0120 SICK-CLV631-0120 Datasheet
658Kb / 7P
BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
BAR CODE SCANNERS
CLV650-0000 SICK-CLV650-0000 Datasheet
1Mb / 7P
BAR CODE SCANNERS
CLV632-6000 SICK-CLV632-6000 Datasheet
497Kb / 7P
BAR CODE SCANNERS
CLV632-3000 SICK-CLV632-3000 Datasheet
470Kb / 7P
BAR CODE SCANNERS
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com