Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HP3100 Datasheet (PDF) - Agilent(Hewlett-Packard)

HP3100 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HP3100
Download  HP3100 Download
File Size   233.3 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Power MOSFET/IGBT Gate Drive Optocouplers

HP3100 Datasheet (PDF)

Go To PDF Page Download Datasheet
HP3100 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HP3100
Download  HP3100 Click to download

File Size   233.3 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Power MOSFET/IGBT Gate Drive Optocouplers

HP3100 Datasheet (HTML) - Agilent(Hewlett-Packard)


HP3100 Product details

Description
The HCPL-3100/3101 consists of an LED* optically coupled to an integrated circuit with a power output stage. These optocouplers are suited for driving power MOSFETs and IGBTs used in motor control inverter applications. The high operating voltage range of the output stage provides the voltage drives required by gate controlled devices. The voltage and current supplied by these optocouplers allow for direct interfacing to the power device without the need for an intermediate amplifier stage.

Features
• High Output Current
    IO1 and IO2 (0.4 A Peak, 0.1 A Continuous)
• 1.5 kV/µs Minimum Common Mode Rejection (CMR) at VCM = 600 V
• Wide Operating VCC Range (15 to 30 Volts)
• High Speed
    1 µs Typical Propagation Delay (HCPL-3100)
    0.3 µs Typical Propagation Delay (HCPL-3101)
• Recognized under UL 1577 for Dielectric Withstand Proof Test Voltages of 5000 Vac, 1 Minute

Applications
• Isolated MOSFET/IGBT Gate Drive
• AC and DC Motor Drives
• General Purpose Industrial Inverters
• Uninterruptable Power Supply




Similar Part No. - HP3100

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HP31 HUASHAN-HP31 Datasheet
142Kb / 2P
NPN SILICON TRANSISTOR
HP31A HUASHAN-HP31A Datasheet
142Kb / 2P
NPN SILICON TRANSISTOR
HP31B HUASHAN-HP31B Datasheet
142Kb / 2P
NPN SILICON TRANSISTOR
logo
AIC tech Inc.
HP31C103MCXS3WPEC AICTECH-HP31C103MCXS3WPEC Datasheet
82Kb / 4P
Useful of 4,000 hours at 85ºC
HP31C103MCYS2WPEC AICTECH-HP31C103MCYS2WPEC Datasheet
82Kb / 4P
Useful of 4,000 hours at 85ºC
More results


Similar Description - HP3100

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100 AVAGO-HCPL-3100 Datasheet
429Kb / 14P
Power MOSFET/IGBT Gate Drive Optocouplers Uninterruptable power supply
HCPL-3101-000E AVAGO-HCPL-3101-000E Datasheet
429Kb / 14P
Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3100-300E AVAGO-HCPL-3100-300E Datasheet
429Kb / 14P
Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3100-500E AVAGO-HCPL-3100-500E Datasheet
429Kb / 14P
Power MOSFET/IGBT Gate Drive Optocouplers
logo
Toshiba Semiconductor
TLP5214 TOSHIBA-TLP5214 Datasheet
910Kb / 20P
Isolated IGBT/Power MOSFET gate drive
26-Dec-2015
logo
ISOCOM COMPONENTS
ICPL3120 ISOCOM-ICPL3120 Datasheet
1Mb / 14P
IGBT/MOSFET Gate Drive
IS314P ISOCOM-IS314P Datasheet
3Mb / 17P
IGBT/MOSFET Gate Drive
IS314W ISOCOM-IS314W Datasheet
991Kb / 17P
IGBT/MOSFET Gate Drive
IS341W ISOCOM-IS341W Datasheet
1Mb / 17P
IGBT/MOSFET Gate Drive
IS480P ISOCOM-IS480P Datasheet
1Mb / 15P
Isolated IGBT/MOSFET Gate Drive
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com