Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-623X Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL-623X Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL-623X
Download  HCPL-623X Download
File Size   294.29 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers

HCPL-623X Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-623X Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL-623X
Download  HCPL-623X Click to download

File Size   294.29 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers

HCPL-623X Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL-623X Product details

Description

These units are single, dual and quad channel, hermetically sealed optocouplers. The products are capable of operation and storage over the full military temperature range and can be purchased as either standard product or with full MIL-PRF-38534 Class Level H or K testing or from the appropriate DSCC Drawing. All devices are manufactured and tested on a MIL-PRF-38534 certified line and are included in the DSCC Qualified Manufacturers List QML-38534 for Hybrid Microcircuits.



Features

• Dual Marked with Device Part Number and DSCC Standard Microcircuit Drawing

• Manufactured and Tested on a MIL-PRF-38534 Certified Line

• QML-38534, Class H and K

• Four Hermetically Sealed Package Configurations

• Performance Guaranteed over -55°C to +125°C

• Wide VCC Range (4.5 to 20 V)

• 350 ns Maximum Propagation Delay

• CMR: > 10,000 V/µs Typical

• 1500 Vdc Withstand Test Voltage

• Three State Output Available

• High Radiation Immunity

• HCPL-2200/31 Function Compatibility

• Reliability Data Available

• Compatible with LSTTL, TTL, and CMOS Logic



Applications

• Military and Space

• High Reliability Systems

• Transportation and Life Critical Systems

• High Speed Line Receiver

• Isolated Bus Driver (Single Channel)

• Pulse Transformer Replacement

• Ground Loop Elimination

• Harsh Industrial Environments

• Computer-Peripheral Interfaces




Similar Part No. - HCPL-623X

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-6230 AVAGO-HCPL-6230 Datasheet
367Kb / 14P
Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-6231 AVAGO-HCPL-6231 Datasheet
367Kb / 14P
Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-623K AVAGO-HCPL-623K Datasheet
367Kb / 14P
Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
More results


Similar Description - HCPL-623X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com