Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMA-DH00 Datasheet (PDF) - Agilent(Hewlett-Packard)

HLMA-DH00 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HLMA-DH00
Download  HLMA-DH00 Download
File Size   122.79 Kbytes
Page   7 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps

HLMA-DH00 Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMA-DH00 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HLMA-DH00
Download  HLMA-DH00 Click to download

File Size   122.79 Kbytes
Page   7 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps

HLMA-DH00 Datasheet (HTML) - Agilent(Hewlett-Packard)


HLMA-DH00 Product details

Description
These untinted, non-diffused, solid state lamps utilize the latest absorbing/transparent substrate aluminum indium gallium phosphide (AS/TS AlInGaP) LED technology. These materials have a very high luminous efficiency, capable of producing high light output over a wide range of drive currents. In addition, these LED lamps are at wavelengths ranging from amber to reddish orange and at viewing angles ranging from 7 to 45 degrees.

Features
• Outstanding LED Material Efficiency
• High Light Output over a Wide Range of Currents
• Low Electrical Power Dissipation
• CMOS/MOS Compatible
• Colors: 590/592 nm Amber, 615/617 nm and 622 nm Reddish-Orange
• Variety of Packages Available

Applications
• Outdoor Message Boards
• Safety Lighting Equipment
• Signaling Applications
• Emitter for Emitter/Detector Applications
• Changeable Message Signs
• Portable Equipment
• Medical Equipment
• Automotive Lighting
• Alternative to Incandescent Lamps




Similar Part No. - HLMA-DH00

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMA-DH05 HP-HLMA-DH05 Datasheet
132Kb / 7P
T-13/4 (5 mm), T-1 (3 mm), High Performance, Tinted, Diffused, AlInGaP, and TS AlGaAs Red LED Lamps
More results


Similar Description - HLMA-DH00

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMA-DX05 HP-HLMA-DX05 Datasheet
132Kb / 7P
T-13/4 (5 mm), T-1 (3 mm), High Performance, Tinted, Diffused, AlInGaP, and TS AlGaAs Red LED Lamps
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMA-KL00 AVAGO-HLMA-KL00 Datasheet
259Kb / 7P
T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
T-1 (3 mm) AlInGaP LED Lamps
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com